Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981HDJSTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD1981HDJSTZ
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981HDJSTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1981HDJSTZ Datasheet HTML 8Page - Analog Devices AD1981HDJSTZ Datasheet HTML 9Page - Analog Devices AD1981HDJSTZ Datasheet HTML 10Page - Analog Devices AD1981HDJSTZ Datasheet HTML 11Page - Analog Devices AD1981HDJSTZ Datasheet HTML 12Page - Analog Devices AD1981HDJSTZ Datasheet HTML 13Page - Analog Devices AD1981HDJSTZ Datasheet HTML 14Page - Analog Devices AD1981HDJSTZ Datasheet HTML 15Page - Analog Devices AD1981HDJSTZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD1981HD
Rev. 0 | Page 15 of 16
JACK PRESENCE DETECTION
HD AUDIO STYLE JACK PRESENCE DETECTION
The AD1981HD uses two jack sense lines for jack presence
detection. Combined with the peripheral enumeration engines,
this enables software to determine if there is a device plugged
into the circuit and what type of device it is. Software can also
reconfigure jacks and amplifiers as necessary, ensuring proper
audio operation and providing jack retasking.
Jack presence is detected using a resistor tree arrangement
outlined in the HD audio specification. Up to four jacks can be
sensed on a single sense line by using different value resistors
for each jack between the sense line and ground (AVSS). Jacks
must normally have open, isolated switches to use this method
of jack presence detection.
Jack presence is reflected in the HD audio pin widget pin sense
verb. The MSB (Bit 31) indicates the current plugged state of the
connected jack. Jack change interrupts can be enabled using the
unsolicited response verb on each of these nodes. Each jack can
be set to generate a different value to provide event
identification within the software interrupt.
There are two methods to connect the codec to the jack
presence detection pins. In the first method, use a single
2.69 kΩ 1% resistor between the SENSE_A and SENSE_B lines,
but no capacitor. In the second method use a single 2.69 kΩ
resister between SENSE_A and AVDD and between SENSE_B
and AVDD. In the second method, the designer can add up to
1 μF of capacitance on each sense line. Designers should offer
both methods for maximum flexibility.
The specific resistor value for each jack is shown in Table 27.
Use 1% resistors for all jack presence detect circuitry to ensure
accurate detection.
CLASSIC JACK PRESENCE DETECTION
The AD1981HD GPIO pins can be used as classic jack sense
pins in JS_0- and JS_1-style operation (similar to AD1981B
operation). Only two jacks, typically line out and headphone
out, are supported in this configuration. The GPIO pins can be
connected to the left channel wrap-back switch on the jack via a
2.2 kΩ (typical) resistor. The left channel needs a 20 kΩ (typical)
resistor-to-analog ground to complete the circuit. This config-
uration allows autoconfiguration when other devices are plugged
in; for example, when headphones are plugged in, the external
speakers are disabled for private listening.
Table 27. Jack Sense Mapping
SENSE_A
SENSE_B
Resistor
(1% tolerance)
Name
Port
HD Audio Node ID
Name
Port
HD Audio Node ID
5.1 kΩ
Line Out
D
0x05
N/A
N/A
N/A
10.0 kΩ
Line In
C
0x09
N/A
N/A
N/A
20.0 kΩ
Front Microphone
B
0x08
Rear Microphone
F
0x18
39.2 kΩ
Headphone Out
A
0x06
Aux In
E
0x17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com