Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5372BSTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5372BSTZ
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372BSTZ Datasheet(HTML) 5 Page - Analog Devices

  AD5372BSTZ Datasheet HTML 1Page - Analog Devices AD5372BSTZ Datasheet HTML 2Page - Analog Devices AD5372BSTZ Datasheet HTML 3Page - Analog Devices AD5372BSTZ Datasheet HTML 4Page - Analog Devices AD5372BSTZ Datasheet HTML 5Page - Analog Devices AD5372BSTZ Datasheet HTML 6Page - Analog Devices AD5372BSTZ Datasheet HTML 7Page - Analog Devices AD5372BSTZ Datasheet HTML 8Page - Analog Devices AD5372BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Preliminary Technical Data
AD5372/AD5373
Rev. P
rF | Page 5 of 25
Parameter
AD53721
B Version
AD53731
B Version
Unit
Test Conditions/Comments2
POWER REQUIREMENTS
DVCC
2.3/5.5
2.3/5.5
V min/max
VDD
8/16.5
8/16.5
V min/max
VSS
−4.5/−16.5
−4.5/−16.5
V min/max
Power Supply Sensitivity2
∆ Full Scale/∆ VDD
−75
−75
dB typ
∆ Full Scale/∆ VSS
−75
−75
dB typ
∆ Full Scale/∆ VCC
−90
−90
dB typ
DICC
2
2
mA max
VCC = 5.5 V, VIH = VCC, VIL = GND.
IDD
14
14
mA max
Outputs unloaded.
ISS
14
14
mA max
Outputs unloaded.
Power Dissipation
Power Dissipation Unloaded (P)
350
350
mW
Junction Temperature3
130
130
°C max
TJ = TA + PTOTAL × θJ.
1 Temperature range for B Version: −40°C to +85°C. Typical specifications are at 25°C.
2 Guaranteed by design and characterization, not production tested.
3 Where
θJ represents the package thermal impedance.
AC CHARACTERISTICS
DVCC = 2.5 V; VDD = 15 V; VSS = −15 V; VREF = 3 V; AGND = DGND = SIGGND = 0 V; CL = 200pF; RL = 10 kΩ;
Gain (m), Offset(c) and DAC Offset registers at default value; all specifications TMIN to TMAX, unless otherwise noted.
Table 3. AC Characteristics
Parameter
AD5372/
AD5373
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
20
µs typ
Full-scale change
30
µs max
DAC latch contents alternately loaded with all 0s and all 1s.
Slew Rate
1
V/µs typ
Digital-to-Analog Glitch Energy
20
nV-s typ
Glitch Impulse Peak Amplitude
10
mV max
Channel-to-Channel Isolation
100
dB typ
VREF(+) = 2 V p-p, 1 kHz.
DAC-to-DAC Crosstalk
40
nV-s typ
Between DACs in the same group.
10
nV-s typ
Between DACs from different groups.
Digital Crosstalk
0.1
nV-s typ
Digital Feedthrough
1
nV-s typ
Effect of input bus activity on DAC output under test.
Output Noise Spectral Density @ 10 kHz
250
nV/(Hz)1/2 typ
VREF = 0 V.
1Guaranteed by design and characterization. Not production tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com