Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5373BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5373BSTZ
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5373BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5373BSTZ Datasheet HTML 15Page - Analog Devices AD5373BSTZ Datasheet HTML 16Page - Analog Devices AD5373BSTZ Datasheet HTML 17Page - Analog Devices AD5373BSTZ Datasheet HTML 18Page - Analog Devices AD5373BSTZ Datasheet HTML 19Page - Analog Devices AD5373BSTZ Datasheet HTML 20Page - Analog Devices AD5373BSTZ Datasheet HTML 21Page - Analog Devices AD5373BSTZ Datasheet HTML 22Page - Analog Devices AD5373BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Preliminary Technical Data
AD5372/AD5373
Rev. P
rF | Page 19 of 25
SPI READBACK MODE
The ADAD5372/AD5373 allows data readback via the serial
interface from every register directly accessible to the serial
interface, which is all registers except the DAC data registers. In
order to read back a register, it is first necessary to tell the
ADAD5372/AD5373 which register is to be read. This is
achieved by writing to the device a word whose first two bits are
the special function code 00. The remaining bits then
determine if the operation is a readback, and the register which
is to be read back, or if it is a write to of the special function
registers such as the control register.
After the special function write has been performed, if it is a
readback command then data from the selected register will be
clocked out of the SDO pin during the next SPI operation. The
SDO pin is normally three-state but becomes driven as soon as
a read command has been issued. The pin will remain driven
until the registers data has been clocked out. See Figure 5 for
the read timing diagram. Note that due to the timing
requirements of t5 (25ns) the maximum speed of the SPI
interface during a read operation should not exceed 20MHz.
REGISTER UPDATE RATES
As mentioned previously the value of the X2 (A or B) register is
calculated each time the user writes new data to the
corresponding X1, C or M registers. The calculation is
performed by a three stage process. The first two stages take
500ns each and the third stage takes 250ns. When the write to
one of the X1, C or M registers is complete the calculation
process begins. If the write operation involves the update of a
single DAC channel the user is free to write to another register
provided that the write operation doesn’t finish until the first
stage calculation is complete, i.e. 500ns after the completion of
the first write operation. If a group of channels is being updated
by a single write operation the first stage calculation will be
repeated for each channel, taking 500ns per channel. In this
case the user should not complete the next write operation until
this time has elapsed.
CHANNEL ADDRESSING AND SPECIAL MODES
If the mode bits are not 00, then the data word D13 to D0 is
written to the device. Address bits A5 to A0 determine which
channel or channels is/are written to, while the mode bits
determine to which register (X1A, X1B, C or M) the data is
written, as shown in Table 8 and Table 9. If data is to be written
to the X1A or X1B register, the setting of the A/B bit in the
Control Register determines which (0
X1A, 1
X1B).
Table 10. Group Addressing
A5
A4
A3
Group Selected
0
0
0
All groups, all DACs
0
0
1
0
0
1
0
1
0
1
1
2
1
0
0
3
1
0
1
4
1
1
0
1, 2, 3, 4, 5
1
1
1
2, 3, 4, 5
Table 11. Channel Addressing
A2
A1
A0
Channel Selected
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
7
Table 12. Mode Bits
M1
M0
Action
1
1
Write DAC data (x) register
1
0
Write DAC offset (m) register
0
1
Write DAC gain (m) register
0
0
Special function, used in combination with other
bits of word
The AD5372/AD5373 has very flexible addressing that allows
writing of data to a single channel, all channels in a group, the
same channel in groups 0 to 3 or groups 1 to 3, or all channels
in the device Table 10 shows all these address modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com