Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5532ABC-2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5532ABC-2
Description  32-Channel Precision Infinite Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5532ABC-2 Datasheet(HTML) 3 Page - Analog Devices

  AD5532ABC-2 Datasheet HTML 1Page - Analog Devices AD5532ABC-2 Datasheet HTML 2Page - Analog Devices AD5532ABC-2 Datasheet HTML 3Page - Analog Devices AD5532ABC-2 Datasheet HTML 4Page - Analog Devices AD5532ABC-2 Datasheet HTML 5Page - Analog Devices AD5532ABC-2 Datasheet HTML 6Page - Analog Devices AD5532ABC-2 Datasheet HTML 7Page - Analog Devices AD5532ABC-2 Datasheet HTML 8Page - Analog Devices AD5532ABC-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
AD5533B
Parameter
1
B Version
2
Unit
Conditions/Comments
DIGITAL OUTPUTS (
BUSY, D
OUT)
3
Output Low Voltage
0.4
V max
DVCC = 5 V. Sinking 200
µA.
Output High Voltage
4.0
V min
DVCC = 5 V. Sourcing 200
µA.
Output Low Voltage
0.4
V max
DVCC = 3 V. Sinking 200
µA.
Output High Voltage
2.4
V min
DVCC = 3 V. Sourcing 200
µA.
High Impedance Leakage Current
±1
µA max
DOUT Only
High Impedance Output Capacitance
15
pF typ
DOUT Only
POWER REQUIREMENTS
Power Supply Voltages
VDD
8/16.5
V min/max
VSS
–4.75/–16.5
V min/max
AVCC
4.75/5.25
V min/max
DVCC
2.7/5.25
V min/max
Power Supply Currents
6
IDD
15
mA max
10 mA typ. All channels full-scale.
ISS
15
mA max
10 mA typ. All channels full-scale.
AICC
33
mA max
26 mA typ
DICC
1.5
mA max
1 mA typ
Power Dissipation
6
280
mW typ
VDD = +10 V, VSS = –5 V
NOTES
1See Terminology section.
2B Version: Industrial temperature range –40
°C to +85°C; typical at +25°C.
3Guaranteed by design and characterization, not production tested.
4AD780 as reference for the AD5533B.
5Ensure that you do not exceed T
J (max). See Absolute Maximum Ratings.
6Outputs unloaded.
Specifications subject to change without notice.
AC CHARACTERISTICS
(VDD = +8 V to +16.5 V, VSS = –4.75 V to –16.5 V; AVCC = +4.75 V to +5.25 V; DVCC = +2.7 V to +5.25 V;
AGND = DGND = DAC_GND = 0 V; REF_IN = 3 V; OFFS_IN = 0 V; Output Range from VSS + 2 V to VDD – 2 V.
All outputs unloaded. All specifications TMIN to TMAX, unless otherwise noted.)
Parameter
B Version
1
Unit
Conditions/Comments
Output Settling Time
2
3
µs max
Acquisition Time
16
µs max
OFFS_IN Settling Time
2
10
µs max
500 pF, 5 k
Ω Load; 0 V–3 V Step
Digital Feedthrough
2
0.2
nV-s typ
Output Noise Spectral Density @ 1 kHz
2
400
nV/
√Hz typ
AC Crosstalk
2
5nV-s typ
NOTES
1B version: Industrial temperature range –40
°C to +85°C; typical at 25°C.
2Guaranteed by design and characterization, not production tested.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com