Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT112S Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # AMT112S
Description  CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

AMT112S Datasheet(HTML) 1 Page - Lin Eng. Inc.

  AMT112S Datasheet HTML 1Page - Lin Eng. Inc. AMT112S Datasheet HTML 2Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
AMT-17C-1-036
AMT-17C-1-036
CABLE
FEATURES AND BENEFITS
These extension cables are twelve inches (30.5 cm) long and feature a pair of shielded twisted 28 AWG wires allowing a clean
signal between your encoder and controller. They come with a 17 pin connector making them compatible with the AMT112S
and AMT112Q encoders. 
Full list of compatibility
• AMT112S
• AMT112Q
• AMT312S
• AMT312Q
• AMT312C
• AMT312D
DIMENSION


Similar Part No. - AMT112S

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT112S CUI-AMT112S Datasheet
736Kb / 9P
patented capacitive ASIC technology
logo
CUI Devices
AMT112S-0048-2000-S CUID-AMT112S-0048-2000-S Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT112S-0048-2000-S SAMESKY-AMT112S-0048-2000-S Datasheet
631Kb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
logo
CUI Devices
AMT112S-0048-2000-W CUID-AMT112S-0048-2000-W Datasheet
647Kb / 9P
MODULAR INCREMENTAL ENCODER
08/05/2022
logo
Same Sky Devices
AMT112S-0048-2000-W SAMESKY-AMT112S-0048-2000-W Datasheet
631Kb / 9P
MODULAR INCREMENTAL ENCODER
09/12/2024
More results

Similar Description - AMT112S

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1563 ALPHAWIRE-1563 Datasheet
69Kb / 2P
Cable
logo
XFMRS Inc.
ATM9MC44 XFMRS-ATM9MC44_15 Datasheet
118Kb / 2P
CABLE
logo
PHOENIX CONTACT
2904073 PHOENIX-2904073 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 0,5M
2904074 PHOENIX-2904074 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 1,0M
logo
Kycon, Inc.
GM67X-CS KYCON-GM67X-CS Datasheet
343Kb / 1P
Cable Side, IP67 Cable Mount
logo
M-System Co.,Ltd.
MCN34 MSYSTEM-MCN34 Datasheet
77Kb / 2P
CABLE
MCN26 MSYSTEM-MCN26 Datasheet
79Kb / 2P
CABLE
MCN20 MSYSTEM-MCN20 Datasheet
97Kb / 3P
CABLE
logo
Lin Eng. Inc.
BLDC-CABLE-1M LINENGINEERING-BLDC-CABLE-1M Datasheet
237Kb / 2P
CABLE
BLDC-CABLE-3M LINENGINEERING-BLDC-CABLE-3M Datasheet
1Mb / 2P
CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com