Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5663 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5663
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663 Datasheet(HTML) 1 Page - Analog Devices

  AD5663 Datasheet HTML 1Page - Analog Devices AD5663 Datasheet HTML 2Page - Analog Devices AD5663 Datasheet HTML 3Page - Analog Devices AD5663 Datasheet HTML 4Page - Analog Devices AD5663 Datasheet HTML 5Page - Analog Devices AD5663 Datasheet HTML 6Page - Analog Devices AD5663 Datasheet HTML 7Page - Analog Devices AD5663 Datasheet HTML 8Page - Analog Devices AD5663 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.5 V, 250 μA, Rail-to-Rail Output,
Dual 16-Bit nanoDAC®
AD5663
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low power, dual 16-bit nanoDAC
Relative accuracy: ±12 LSBs maximum
Guaranteed monotonic by design
10-lead MSOP and 3 mm × 3 mm LFCSP_WD
2.7 V to 5.5 V power supply
Per channel power-down
Power-on reset to zero scale or midscale
Hardware LDAC and CLR functions
Serial interface; up to 50 MHz
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
SCLK
SYNC
DIN
CLR
INPUT
REGISTER
INPUT
REGISTER
DAC
REGISTER
DAC
REGISTER
VDD
GND
POWER-ON
RESET
STRING
DAC A
STRING
DAC B
BUFFER
BUFFER
VREF
POWER-DOWN
LOGIC
VOUTA
VOUTB
AD5663
LDAC
LDAC
Figure 1.
Table 1. Related Devices
Part No.
Description
AD5623R/AD5643R/AD5663R
2.7 V to 5.5 V, dual 12-/14-/16-bit
DACs with internal reference
GENERAL DESCRIPTION
The AD5663, a member of the nanoDAC family, is a low power,
dual, 16-bit buffered voltage-out DAC that operates from a single
2.7 V to 5.5 V supply and is guaranteed monotonic by design.
The AD5663 requires an external reference voltage to set the
output range of the DAC. The part incorporates a power-on
reset circuit that ensures the DAC output powers up to 0 V or
midscale (AD5663-1) and remains there until a valid write takes
place. The part contains a power-down feature that reduces the
current consumption of the device to 480 nA at 5 V and provides
software-selectable output loads while in power-down mode.
The low power consumption of this part in normal operation
makes it ideally suited to portable, battery-operated equipment.
The power consumption is 1.25 mW at 5 V, going down to
2.4 μW in power-down mode.
The on-chip precision output amplifier of the AD5663 allows
rail-to-rail output swing to be achieved.
The AD5663 uses a versatile, 3-wire serial interface that
operates at clock rates up to 50 MHz and is compatible with
standard SPI®, QSPI™, MICROWIRE™, and DSP interface
standards.
PRODUCT HIGHLIGHTS
1.
Dual 16-bit DAC; relative accuracy of ±12 LSBs maximum.
2.
Available in 10-lead MSOP and 10-lead, 3 mm × 3 mm
LFCSP_WD packages.
3.
Low power; typically consumes 0.6 mW at 3 V and
1.25 mW at 5 V.
4.
7 μs maximum settling time.


Similar Part No. - AD5663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5663 AD-AD5663 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5663R AD-AD5663R Datasheet
1Mb / 28P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
12/06-Rev. 0 to Rev. A
AD5663R AD-AD5663R Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5663R AD-AD5663R Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5663R AD-AD5663R Datasheet
1Mb / 32P
Dual 12-/14-/16-Bit nanoDAC
9/15-Rev. F to Rev. G
More results

Similar Description - AD5663

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
11/03-Data Sheet changed from REV. B to REV. C.
AD5302 AD-AD5302 Datasheet
207Kb / 16P
2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
AD5310 AD-AD5310 Datasheet
164Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
AD5320 AD-AD5320 Datasheet
192Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
AD5662 AD-AD5662 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Oct-2004
AD5624 AD-AD5624 Datasheet
639Kb / 24P
2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/06-Revision 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com