Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5663ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD5663ARMZ
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5663ARMZ Datasheet HTML 11Page - Analog Devices AD5663ARMZ Datasheet HTML 12Page - Analog Devices AD5663ARMZ Datasheet HTML 13Page - Analog Devices AD5663ARMZ Datasheet HTML 14Page - Analog Devices AD5663ARMZ Datasheet HTML 15Page - Analog Devices AD5663ARMZ Datasheet HTML 16Page - Analog Devices AD5663ARMZ Datasheet HTML 17Page - Analog Devices AD5663ARMZ Datasheet HTML 18Page - Analog Devices AD5663ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD5663
Rev. 0 | Page 15 of 24
Table 8. Address Command
A2
A1
A0
ADDRESS (n)
0
0
0
DAC A
0
0
1
DAC B
0
1
0
Reserved
0
1
1
Reserved
1
1
1
All DACs
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at
least 24 falling edges of SCLK, and the DAC is updated on the
24th falling edge. However, if SYNC is brought high before the
24th falling edge, this acts as an interrupt to the write sequence.
The shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs (see Figure 30).
POWER-ON RESET
The AD5663 family contains a power-on reset circuit that
controls the output voltage during power-up. The AD5663 DAC
outputs power up to 0 V, the AD5663-1 powers up to midscale,
and the output remains there until a valid write sequence is
made to the DAC. This is useful in applications where it is
important to know the state of the output of the DAC while it is
in the process of powering up. Any events on LDAC or CLR
during power-on reset are ignored.
SOFTWARE RESET
The AD5663 contains a software reset function. Command 101
is reserved for the software reset function (see Table 7). The
software reset command contains two reset modes that are
software-programmable by setting Bit DB0 in the control
register.
Table 9 shows how the state of the bit corresponds to the mode
of operation of the device. Table 10 shows the contents of the
input shift register during the software reset mode of operation.
Table 9. Software Reset Modes for the AD5663
DB0
Registers Reset to 0
0
DAC register
Input register
1 (Power-On Reset)
DAC register
Input register
LDAC register
Power-down register
Table 10. 24-Bit Input Shift Register Contents for Software Reset Command
MSB
LSB
DB23 to DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0
x
1
0
1
x
x
x
x
1/0
Don’t care
Command bits (C2 to C0)
Address bits (A2 to A0)
Don’t care
Determines software reset mode
X
X
C2
C1
C0
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB23 (MSB)
DB0 (LSB)
COMMAND BITS
ADDRESS BITS
DATA BITS
Figure 29. Input Register Contents
DIN
DB23
DB23
DB0
DB0
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 24TH FALLING EDGE
SYNC
SCLK
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 24TH FALLING EDGE
Figure 30. SYNC Interrupt Facility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com