Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5666 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5666
Description  Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5666 Datasheet(HTML) 1 Page - Analog Devices

  AD5666 Datasheet HTML 1Page - Analog Devices AD5666 Datasheet HTML 2Page - Analog Devices AD5666 Datasheet HTML 3Page - Analog Devices AD5666 Datasheet HTML 4Page - Analog Devices AD5666 Datasheet HTML 5Page - Analog Devices AD5666 Datasheet HTML 6Page - Analog Devices AD5666 Datasheet HTML 7Page - Analog Devices AD5666 Datasheet HTML 8Page - Analog Devices AD5666 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Quad, 16-Bit DAC with 5 ppm/°C
On-Chip Reference in 14-Lead TSSOP
AD5666
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Low power quad 16-bit DAC
14-lead TSSOP
On-chip 1.25 V/2.5 V, 5 ppm/°C reference
Power down to 400 nA @ 5 V, 200 nA @ 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to zero scale or midscale
3 power-down functions
Hardware LDAC with LDAC override function
CLR function to programmable code
SDO daisy-chaining option
Rail-to-rail operation
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
INPUT
REGISTER
DIN
LDAC
GND
VDD
LDAC
VREFIN/VREFOUT
SYNC
SCLK
AD5666
CLR
1.25V/2.5V
REF
VOUTA
VOUTB
VOUTC
VOUTD
DAC
REGISTER
STRING
DAC A
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
SDO
POR
POWER-DOWN
LOGIC
POWER-ON
RESET
Figure 1.
GENERAL DESCRIPTION
The AD5666 is a low power, quad, 16-bit, buffered voltage-
output DAC. The part operates from a single 2.7 V to 5.5 V
supply and is guaranteed monotonic by design.
The AD5666 has an on-chip reference with an internal gain of 2.
The AD5666-1 has a 1.25 V 5 ppm/°C reference, giving a full-scale
output of 2.5 V; the AD5666-2 has a 2.5 V 5 ppm/°C reference,
giving a full-scale output of 5 V. The on-board reference is off at
power-up, allowing the use of an external reference. The internal
reference is turned on by writing to the DAC.
The part incorporates a power-on reset circuit that ensures that
the DAC output powers up to 0 V (POR pin low) or to midscale
(POR pin high) and remains powered up at this level until a valid
write takes place. The part contains a power-down feature that
reduces the current consumption of the device to 400 nA at 5 V
and provides software-selectable output loads while in power-down
mode for any or all DAC channels.
The outputs of all DACs can be updated simultaneously using
the LDAC function, with the added functionality of user-select-
able DAC channels to simultaneously update. There is also an
asynchronous CLR that clears all DACs to a software-selectable
code—0 V, midscale, or full scale.
The AD5666 utilizes a versatile 3-wire serial interface that operates
at clock rates of up to 50 MHz and is compatible with standard
SPI®, QSPI™, MICROWIRE™, and DSP interface standards. The
on-chip precision output amplifier enables rail-to-rail output
swing.
PRODUCT HIGHLIGHTS
1.
Quad, 16-bit DAC.
2.
On-chip 1.25 V/2.5 V, 5 ppm/°C reference.
3.
Available in 14-lead TSSOP.
4.
Selectable power-on reset to 0 V or midscale.
5.
Power-down capability. When powered down, the DAC
typically consumes 200 nA at 3 V and 400 nA at 5 V.


Similar Part No. - AD5666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5666 AD-AD5666 Datasheet
2Mb / 28P
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5666 AD-AD5666 Datasheet
617Kb / 24P
Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
More results

Similar Description - AD5666

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5628 AD-AD5628 Datasheet
306Kb / 24P
Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Revision 0
AD5624R AD-AD5624R Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
11/06-Rev. 0 to Rev A
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5625 AD-AD5625_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5625R AD-AD5625R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5645R AD-AD5645R_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5644R AD-AD5644R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5664R AD-AD5664R_15 Datasheet
1Mb / 28P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
AD5665 AD-AD5665_15 Datasheet
1Mb / 36P
Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface
REV. C
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com