Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBAS5100-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBAS5100-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAS5100-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBAS5100-HF Datasheet HTML 1Page - Comchip Technology CDBAS5100-HF Datasheet HTML 2Page - Comchip Technology CDBAS5100-HF Datasheet HTML 3Page - Comchip Technology CDBAS5100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Operating junction temperature range
RθJA
CDBAS540
-HF
Max. average forward rectified current
at TL=100°C
CDBAS5200
-HF
CDBAS560
-HF
CDBAS5100
-HF
CDBAS5150
-HF
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Operating junction temperature range
Max. instantaneous forward voltage at 5A
Maximum DC reverse current
at rated DC blocking voltage
0.70
60
60
42
100
100
70
150
150
105
200
200
140
0.85
0.95
10
SMD Schottky Barrier Rectifiers
CDBAS540-HF Thru. CDBAS5200-HF
Circuit Diagram
TJ=25°C
TJ=100°C
Dimensions in inches and (millimeter)
SMA-S
0.193(4.90)
0.173(4.40)
0.110(2.80)
0.096(2.45)
0.043(1.10)
Typ.
0.045(1.15)
Typ.
0.154(3.90)
0.132(3.35)
0.057(1.45)
0.051(1.30)
0.048(1.20)
0.031(0.80)
Page 1
QW-JB069
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Reverse Voltage: 40 to 200 Volts
Forward Current: 5.0 Amp
RoHS Device
Halogen Free
- Built-in strain relief.
- Metal silicon junction with guard ring.
Features
- Silicon epitaxial planar chips.
- For use in low voltage, high frequency inverters
free wheeling and polarity protection.
- High surge and current capability.
Mechanical data
- Case: Molded plastic, SMA-S.
- Terminals: Solderable per MIL-STD-750
method 2026.
- Polarity: Color band denotes cathode end.
Parameter
Symbol
Maximum Ratings and Electrical Characteristics (at TA=25°C unless otherwise noted)
Storage temperature range
-55 to +150
-55 to +150
100
5.0
40
40
28
0.55
20
50.0
0.5
0.5
Typical thermal resistance
TSTG
TJ
IR
I(AV)
IFSM
VF
VRRM
VDC
VRMS
V
V
Unit
V
A
A
V
mA
°C/W
°C
°C
- Mounting position: Any.
- Epoxy: UL94V-0 rate flame retardant.


Similar Part No. - CDBAS5100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBAS340-HF COMCHIP-CDBAS340-HF Datasheet
103Kb / 4P
SMD Schottky Barrier Rectifiers
CDBAS340L-HF COMCHIP-CDBAS340L-HF Datasheet
96Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
REV: A
More results

Similar Description - CDBAS5100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com