Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBB545LR-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBB545LR-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB545LR-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBB545LR-HF Datasheet HTML 1Page - Comchip Technology CDBB545LR-HF Datasheet HTML 2Page - Comchip Technology CDBB545LR-HF Datasheet HTML 3Page - Comchip Technology CDBB545LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 45 V
Forward Current: 5 A
RoHS Device
Halogen free
Maximum Ratings (at TA=25°C unless otherwise noted)
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifiers
Features
- High current capability.
- High surge current capability.
- Low reverse current.
Mechanical data
- Case: SMB/DO-214AA, molded plastic.
- Epoxy: UL flammability classification rating 94V-0.
- Terminals: Lead free plating (Tin Finish)
solderable per MIL-STD-202, method 208.
- Polarity: Cathode band.
REV:B
Page 1
QW-JB111
°C/W
Symbol
Unit
VRRM
VRMS
VDC
IF
VF
IFSM
IR
Cj
TJ
V
V
V
A
A
V
mA
°C
TSTG
°C
pF
Operating temperature range
Storage temperature range
Typical junction capacitance
(Note 1)
Circuit Diagram
Parameter
Max. Average forward rectified current
Max. Repetitive peak reverse voltage
Max. RMS voltage
Max. DC blocking voltage
Typical thermal resistance
RθJC
Min.
Peak forward surge current
Max. Instantaneous forward voltage
Max. DC reverse current
at rated DC blocking voltage
45
31.5
45
5
100
0.37
0.5
1000
25
-55
-55
Note: 1. Measured at 1MHz and applied reverse voltage of 4V DC.
SMB/DO-214AA
Dimensions in inches and (millimeter)
0.087(2.20)
0.077(1.95)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.012(0.305)
0.006(0.152)
0.096(2.44)
0.084(2.13)
0.030(0.76)
0.060(1.52)
0.008(0.203)
Max.
0.220(5.59)
0.201(5.10)
CDBB545LR-HF
Typ.
Max.
0.48
+150
+150
Conditions
8.3ms single half sine-wave
superimposed on rated load
IF = 5A @ 25°C
TA = 100°C
IF = 2A @ 25°C
TA = 25°C
10
-
-


Similar Part No. - CDBB545LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBB540-G COMCHIP-CDBB540-G Datasheet
163Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB540-G COMCHIP-CDBB540-G Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB540-HF COMCHIP-CDBB540-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBB545LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com