Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBHA10200LR-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBHA10200LR-HF
Description  Ultra Low VF Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHA10200LR-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBHA10200LR-HF Datasheet HTML 1Page - Comchip Technology CDBHA10200LR-HF Datasheet HTML 2Page - Comchip Technology CDBHA10200LR-HF Datasheet HTML 3Page - Comchip Technology CDBHA10200LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristics Curves (CDBHA10200LR-HF)
Number of Cycles at 60Hz
1
0
300
0
12
100
0
80
4
20
40
60
150
100
Fig.1 - Forward Current Derating Curve
Lead Temperature, (°C)
10
6
2
150
50
250
200
20
1
10
100
80
60
200
40
Fig.4 - Typical Reverse Characteristics
450 500 550 600
700
650
20
850
Comchip Technology CO., LTD.
Page 2
4000
0.1
1
10
100
120 140
Resistive or inductive load
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current
100
TJ=TJMax
8.3ms single half sine-wave
(JEDEC method)
Fig.3 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage, VF (mV)
750
0.01
1
0.1
Fig.5 - Typical Junction Capacitance
Reverse Voltage, VR (V)
100
1000
Ultra Low VF Schottky Barrier Rectifiers
8
10
800
12
4
6
2
8
5
7
3
9
11
13
15
14
16
18
17
19
Reverse Voltage, VR (V)
120 140 160 180
0.001
T=125°C
T=100°C
T=75°C
T=25°C
QW-JL042
REV:A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com