Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFP1010 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # ADFP1010
Description  Dead Front Panel w/ screws
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

ADFP1010 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  ADFP1010 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADFP1010
Sample image
Order symbol : ADFP1010
Product nr : 8592385
Description : Dead Front Panel w/ screws
EAN : 6418074067524
Dimensions :
Height
Width
Depth
Materials :
Ratings :
electrical_insulation :
Not insulated
UV resistance :
-
© Fibox Oy, Data subject to change without notice (printed: 18.07.2023)


Similar Part No. - ADFP1010

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
ADFP108 FIBOX-ADFP108 Datasheet
35Kb / 1P
Dead Front Panel w/ screws
18.07.2023
More results

Similar Description - ADFP1010

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
14004-2 COOPER-14004-2 Datasheet
55Kb / 1P
Dead Front Terminal Blocks
logo
Littelfuse
00DF030.ZXB LITTELFUSE-00DF030.ZXB Datasheet
177Kb / 1P
600V DEAD FRONT HOLDER
LFPSC LITTELFUSE-LFPSC Datasheet
286Kb / 1P
LFPSC DEAD-FRONT FUSE HOLDERS
Rev: 032922
logo
FIBOX Enclosing innovat...
8592135 FIBOX-8592135 Datasheet
38Kb / 1P
Dead Front Panel w/ screws
18.07.2023
8592145 FIBOX-8592145 Datasheet
35Kb / 1P
Dead Front Panel w/ screws
18.07.2023
8592155 FIBOX-8592155 Datasheet
35Kb / 1P
Dead Front Panel w/ screws
18.07.2023
8592165 FIBOX-8592165 Datasheet
35Kb / 1P
Dead Front Panel w/ screws
18.07.2023
8592175 FIBOX-8592175 Datasheet
35Kb / 1P
Dead Front Panel w/ screws
18.07.2023
8592185 FIBOX-8592185 Datasheet
35Kb / 1P
Dead Front Panel w/ screws
18.07.2023
8592375 FIBOX-8592375 Datasheet
35Kb / 1P
Dead Front Panel w/ screws
18.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com