Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7342 Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7342
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7342 Datasheet HTML 31Page - Analog Devices ADV7342 Datasheet HTML 32Page - Analog Devices ADV7342 Datasheet HTML 33Page - Analog Devices ADV7342 Datasheet HTML 34Page - Analog Devices ADV7342 Datasheet HTML 35Page - Analog Devices ADV7342 Datasheet HTML 36Page - Analog Devices ADV7342 Datasheet HTML 37Page - Analog Devices ADV7342 Datasheet HTML 38Page - Analog Devices ADV7342 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 35 of 88
Table 23. Register 0x58 to Register 0x5D
SR7 to
Bit Number
Register
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Setting
Value
0
0
0
0
Gain A = 0
0x00
0
0
0
1
Gain A = +1
…
…
…
…
…
0
1
1
1
Gain A = +7
1
0
0
0
Gain A = −8
…
…
…
…
…
ED/HD Adaptive Filter Gain 1,
Value A.
1
1
1
1
Gain A = −1
0
0
0
0
Gain B = 0
0
0
0
1
Gain B = +1
…
…
…
…
…
0
1
1
1
Gain B = +7
1
0
0
0
Gain B = −8
…
…
…
…
…
0x58
ED/HD Adaptive Filter Gain 1
ED/HD Adaptive Filter Gain 1,
Value B.
1
1
1
1
Gain B = −1
0
0
0
0
Gain A = 0
0x00
0
0
0
1
Gain A = +1
…
…
…
…
…
0
1
1
1
Gain A = +7
1
0
0
0
Gain A = −8
…
…
…
…
…
ED/HD Adaptive Filter Gain 2,
Value A.
1
1
1
1
Gain A = −1
0
0
0
0
Gain B = 0
0
0
0
1
Gain B = +1
…
…
…
…
…
0
1
1
1
Gain B = +7
1
0
0
0
Gain B = −8
…
…
…
…
…
0x59
ED/HD Adaptive Filter Gain 2
ED/HD Adaptive Filter Gain 2,
Value B.
1
1
1
1
Gain B = −1
0
0
0
0
Gain A = 0
0x00
0
0
0
1
Gain A = +1
…
…
…
…
…
0
1
1
1
Gain A = +7
1
0
0
0
Gain A = −8
…
…
…
…
…
ED/HD Adaptive Filter Gain 3,
Value A.
1
1
1
1
Gain A = −1
0
0
0
0
Gain B = 0
0
0
0
1
Gain B = +1
…
…
…
…
…
0
1
1
1
Gain B = +7
1
0
0
0
Gain B = −8
…
…
…
…
…
0x5A
ED/HD Adaptive Filter Gain 3
ED/HD Adaptive Filter Gain 3,
Value B.
1
1
1
1
Gain B = −1
0x5B
ED/HD Adaptive Filter
Threshold A
ED/HD Adaptive Filter Threshold A.
x
x
x
x
x
x
x
x
Threshold A
0x00
0x5C
ED/HD Adaptive Filter
Threshold B
ED/HD Adaptive Filter Threshold B.
x
x
x
x
x
x
x
x
Threshold B
0x00
0x5D
ED/HD Adaptive Filter
Threshold C
ED/HD Adaptive Filter Threshold C.
x
x
x
x
x
x
x
x
Threshold C
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com