Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7343 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7343
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7343 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7343 Datasheet HTML 2Page - Analog Devices ADV7343 Datasheet HTML 3Page - Analog Devices ADV7343 Datasheet HTML 4Page - Analog Devices ADV7343 Datasheet HTML 5Page - Analog Devices ADV7343 Datasheet HTML 6Page - Analog Devices ADV7343 Datasheet HTML 7Page - Analog Devices ADV7343 Datasheet HTML 8Page - Analog Devices ADV7343 Datasheet HTML 9Page - Analog Devices ADV7343 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 6 of 88
ANALOG OUTPUT SPECIFICATIONS
VDD = 1.71 V to 1.89 V. PVDD = 1.71 V to 1.89 V. VAA = 2.6 V to 3.465 V. VDD_IO = 2.97 V to 3.63 V. VREF = 1.235 V (driven externally).
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
Full-Drive Output Current (Full-Scale)1
RSET = 510 Ω, RL = 37.5 Ω
33
34.6
37
mA
Low Drive Output Current (Full-Scale)2
RSET = 4.12 kΩ, RL = 300 Ω
4.1
4.3
4.5
mA
DAC-to-DAC Matching
DAC 1 to DAC 6
1.0
%
Output Compliance, VOC
0
1.4
V
Output Capacitance, COUT
DAC 1, DAC 2, DAC 3
10
pF
DAC 4, DAC 5, DAC 6
6
pF
Analog Output Delay3
DAC 1, DAC 2, DAC 3
8
ns
DAC 4, DAC 5, DAC 6
6
ns
DAC Analog Output Skew
DAC 1, DAC 2, DAC 3
2
ns
DAC 4, DAC 5, DAC 6
1
ns
1 Applicable to full-drive capable DACs only, that is, DAC 1, DAC 2, DAC 3.
2 Applicable to all DACs.
3 Output delay measured from the 50% point of the rising edge of the input clock to the 50% point of the DAC output full-scale transition.
DIGITAL INPUT/OUTPUT SPECIFICATIONS
VDD = 1.71 V to 1.89 V. PVDD = 1.71 V to 1.89 V. VAA = 2.6 V to 3.465 V. VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 6.
Parameter
Conditions
Min
Typ
Max
Unit
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
Input Leakage Current, IIN
VIN = VDD_IO
±10
μA
Input Capacitance, CIN
4
pF
Output High Voltage, VOH
ISOURCE = 400 μA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
VIN = 0.4 V, 2.4 V
±1.0
μA
Three-State Output Capacitance
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com