Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7344 Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7344
Description  Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7344 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7344 Datasheet HTML 59Page - Analog Devices ADV7344 Datasheet HTML 60Page - Analog Devices ADV7344 Datasheet HTML 61Page - Analog Devices ADV7344 Datasheet HTML 62Page - Analog Devices ADV7344 Datasheet HTML 63Page - Analog Devices ADV7344 Datasheet HTML 64Page - Analog Devices ADV7344 Datasheet HTML 65Page - Analog Devices ADV7344 Datasheet HTML 66Page - Analog Devices ADV7344 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
ADV7344
Rev. 0 | Page 63 of 88
EXTERNAL HORIZONTAL AND VERTICAL SYNCHRONIZATION CONTROL
For synchronization purposes, the ADV7344 is able to accept either time codes embedded in the input pixel data or external
synchronization signals provided on the S_HSYNC, S_VSYNC, P_HSYNC, P_VSYNC, and P_BLANK pins (see Table 49). It is also
possible to output synchronization signals on the S_HSYNC and S_VSYNC pins (see Table 50 to Table 52).
Table 49. Timing Synchronization Signal Input Options
Signal
Pin
Condition
SD HSYNC In
S_HSYNC
SD Slave Timing Mode 1, 2, or 3 selected (Subaddress 0x8A[2:0]).1
SD VSYNC In
S_VSYNC
SD Slave Timing Mode 1, 2, or 3 selected (Subaddress 0x8A[2:0]).1
ED/HD HSYNC In
P_HSYNC
ED/HD Timing Sync. Inputs enabled (Subaddress 0x30, Bit 2 = 0).
ED/HD VSYNC In
P_VSYNC
ED/HD Timing Sync. Inputs enabled (Subaddress 0x30, Bit 2 = 0).
ED/HD BLANK In
P_BLANK
1 SD and ED/HD timing sync. Outputs must also be disabled (Subaddress 0x02[7:6] = 00).
Table 50. Timing Synchronization Signal Output Options
Signal
Pin
Condition
SD HSYNC Out
S_HSYNC
SD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 6 = 1).1
SD VSYNC Out
S_VSYNC
SD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 6 = 1).1
ED/HD HSYNC Out
S_HSYNC
ED/HD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 7 = 1).
ED/HD VSYNC Out
S_VSYNC
ED/HD Timing Sync. Outputs enabled (Subaddress 0x02, Bit 7 = 1).
1 ED/HD timing sync. Outputs must also be disabled (Subaddress 0x02, Bit 7 = 0).
Table 51. HSYNC Output Control1
ED/HD Input Sync
Format (0x30, Bit 2)
ED/HD HSYNC
Control
(0x34, Bit 1)
ED/HD Sync
Output Enable
(0x02, Bit 7)
SD Sync
Output Enable
(0x02, Bit 6)
Signal on S_HSYNC Pin
Duration
x
x
0
0
Tristate.
–
x
x
0
1
Pipelined SD HSYNC.
See Appendix 5—SD Timing.
0
0
1
x
Pipelined ED/HD HSYNC.
As per HSYNC timing.
1
0
1
x
Pipelined ED/HD HSYNC
based on AV Code H bit.
Same as line blanking interval.
x
1
1
x
Pipelined ED/HD HSYNC
based on horizontal counter.
Same as embedded HSYNC.
1 In all ED/HD standards where there is an HSYNC output, the start of the HSYNC pulse is aligned with the falling edge of the embedded HSYNC in the output video.
Table 52. VSYNC Output Control1
ED/HD Input
Sync Format
(0x30, Bit 2)
ED/HD VSYNC
Control
(0x34, Bit 2)
ED/HD Sync
Output Enable
(0x02, Bit 7)
SD Sync
Output Enable
(0x02, Bit 6)
Video Standard
Signal on S_VSYNC Pin
Duration
x
X
0
0
x
Tristate.
–
x
X
0
1
Interlaced
Pipelined SD VSYNC/Field.
See Appendix 5—
SD Timing.
0
0
1
x
x
Pipelined ED/HD VSYNC
or field signal.
As per VSYNC or
field signal timing.
1
0
1
x
All HD interlaced
standards
Pipelined field signal
based on AV Code F bit.
Field.
1
0
1
x
All ED/HD progressive
standards
Pipelined VSYNC based on
AV Code V bit.
Vertical blanking
interval.
x
1
1
x
All ED/HD standards
except 525p
Pipelined ED/HD VSYNC
based on vertical counter.
Aligned with
serration lines.
x
1
1
x
525p
Pipelined ED/HD VSYNC
based on vertical counter.
Vertical blanking
interval.
1 In all ED/HD standards where there is a VSYNC output, the start of the VSYNC pulse is aligned with the falling edge of the embedded VSYNC in the output video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com