Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7342BSTZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADV7342BSTZ
Description  Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7342BSTZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV7342BSTZ Datasheet HTML 22Page - Analog Devices ADV7342BSTZ Datasheet HTML 23Page - Analog Devices ADV7342BSTZ Datasheet HTML 24Page - Analog Devices ADV7342BSTZ Datasheet HTML 25Page - Analog Devices ADV7342BSTZ Datasheet HTML 26Page - Analog Devices ADV7342BSTZ Datasheet HTML 27Page - Analog Devices ADV7342BSTZ Datasheet HTML 28Page - Analog Devices ADV7342BSTZ Datasheet HTML 29Page - Analog Devices ADV7342BSTZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
ADV7342/ADV7343
Rev. 0 | Page 26 of 88
Figure 49 shows an example of data transfer for a write sequence and the start and stop conditions. Figure 50 shows bus write and read
sequences.
SDA
SCL
START ADDR R/W ACK SUBADDRESS ACK
DATA
ACK
STOP
1–7
8
9
S
1–7
1–7
P
8
9
8
9
Figure 49. I2C Data Transfer
WRITE
SEQUENCE
READ
SEQUENCE
S SLAVE ADDR
A(S)
SUBADDR
A(S)
DATA
DATA
A(S) P
S SLAVE ADDR A(S)
SUBADDR
A(S) S SLAVE ADDR
A(S)
DATA
DATA
A(M)
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A (S) = NO-ACKNOWLEDGE BY SLAVE
A (M) = NO-ACKNOWLEDGE BY MASTER
LSB = 0
LSB = 1
A(S)
Figure 50. I2C Read and Write Sequence
SPI OPERATION
The ADV7342/ADV7343 support a 4-wire serial (SPI-compatible)
bus connecting multiple peripherals. Two inputs, master out
slave in (MOSI) and serial clock (SCLK), and one output,
master in slave out (MISO), carry information between a
master SPI peripheral on the bus and the ADV7342/ADV7343.
Each slave device on the bus has a slave select pin that is
connected to the master SPI peripheral by a unique slave select
line. As such, slave device addressing is not required.
To invoke SPI operation, a master SPI peripheral (for example,
a microprocessor) should issue three low pulses on the ADV7342/
ADV7343 ALSB/SPI_SS pin. When the encoder detects the
third rising edge on the ALSB/SPI_SS pin, it automatically
switches to SPI communication mode. The ADV7342/ADV7343
remain in SPI communication mode until a reset or power-
down occurs.
To control the ADV7342/ADV7343, use the following protocol
for both read and write transactions. First, the master initiates a
data transfer by driving and holding the ADV7342/ADV7343
ALSB/SPI_SS pin low. On the first SCLK rising edge after
ALSB/SPI_SS has been driven low, the write command, defined
as 0xD4, is written to the ADV7342/ADV7343 over the MOSI
line. The second byte written to the MOSI line is interpreted as
the starting subaddress. Data on the MOSI line is written MSB
first and clocked on the rising edge of SCLK.
There is a subaddress auto-increment facility. This allows data
to be written to or read from registers in ascending subaddress
sequence starting at any valid subaddress. The user can also
access any unique subaddress register on a one-by-one basis.
In a write data transfer, 8-bit data bytes are written to the
ADV7342/ADV7343, MSB first, on the MOSI line immediately
after the starting subaddress. The data bytes are clocked into the
ADV7342/ADV7343 on the rising edge of SCLK. When all data
bytes have been written, the master completes the transfer by
driving and holding the ALSB/SPI_SS pin high.
In a read data transfer, after the subaddress has been clocked in
on the MOSI line, the ALSB/SPI_SS pin is driven and held high
for at least one clock cycle. Then, the ALSB/SPI_SS pin is driven
and held low again. On the first SCLK rising edge after
ALSB/SPI_SS has been driven low, the read command, defined
as 0xD5, is written, MSB first, to the ADV7342/ADV7343 over
the MOSI line. Subsequently, 8-bit data bytes are read from the
ADV7342/ADV7343, MSB first, on the MISO line. The data
bytes are clocked out of the ADV7342/ADV7343 on the falling
edge of SCLK. When all data bytes have been read, the master
completes the transfer by driving and holding the ALSB/SPI_SS
pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com