Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

950-DS/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 950-DS/02
Description  PCB connector Screw connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

950-DS/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  950-DS/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
950(-DS)
PCB connector
Screw connection
04.18
ø 1
5
L
ø 2,8
8
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
2-8 poles: CTI ≥ 600; 9-32 poles: CTI 400
Insulating Group
2-8 poles: I; 9-32 poles: II
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M2,6; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated copper alloy
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,00
• Longer solder pins up to 75 mm
[1] Acc. to IEC 60947-7-4 und IEC 60947-1
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 950/02
10.871.006
950-DS/02
20.871.006
10,00 mm
Box
250
3 950/03
10.871.053
950-DS/03
20.871.053
15,00 mm
Box
250
4 950/04
10.871.054
950-DS/04
20.871.054
20,00 mm
Box
100
5 950/05
10.871.055
950-DS/05
20.871.055
25,00 mm
Box
100
6 950/06
10.871.056
950-DS/06
20.871.056
30,00 mm
Box
100
GENERAL INFORMATION
Pitch
5 mm
No. of poles
2 - 32
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
with wire protector
0,34 - 2,5 mm² / 0,34 - 2,5 mm² / 22 - 14 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
6 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V
160 V
320 V
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Current
17,5 A
Hole in PCB
ø 1,3 mm
Torque
0,4 Nm
Other specifications
Voltage data in brackets are valid for 9-32 poles
types. 2-8 poles types: "no-flame" acc. to glow-wire
test
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
15
300
B
26 - 14
0,4
15
300
B
26 - 14
0,4
Current [A]
Voltage [V]
mm²
17,5
160
1,5 [1]
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 950-DS/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
950-D-SMD-DS WECO-950-D-SMD-DS Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/02 WECO-950-D-SMD-DS/02 Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/02-TR WECO-950-D-SMD-DS/02-TR Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/03 WECO-950-D-SMD-DS/03 Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/03-TR WECO-950-D-SMD-DS/03-TR Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
More results

Similar Description - 950-DS/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
180-A-111 WECO-180-A-111 Datasheet
92Kb / 1P
PCB connector Screw connection
07.11
181-A-111 WECO-181-A-111 Datasheet
97Kb / 1P
PCB connector Screw connection
07.11
182-A-111 WECO-182-A-111 Datasheet
92Kb / 1P
PCB connector Screw connection
09.11
210-A-111 WECO-210-A-111 Datasheet
73Kb / 1P
PCB connector Screw connection
04.13
930 WECO-930 Datasheet
65Kb / 1P
PCB connector Screw connection
02.13
940 WECO-940 Datasheet
167Kb / 1P
PCB connector Screw connection
11.17
960 WECO-960 Datasheet
105Kb / 1P
PCB connector Screw connection
11.17
972 WECO-972 Datasheet
80Kb / 1P
PCB connector Screw connection
11.17
977-OP WECO-977-OP Datasheet
78Kb / 1P
PCB connector Screw connection
07.19
159-A-111 WECO-159-A-111 Datasheet
91Kb / 1P
PCB connector Screw connection
06.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com