Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5600 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 2SC5600
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5600 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 2SC5600 Datasheet HTML 24Page - Renesas Technology Corp 2SC5600 Datasheet HTML 25Page - Renesas Technology Corp 2SC5600 Datasheet HTML 26Page - Renesas Technology Corp 2SC5600 Datasheet HTML 27Page - Renesas Technology Corp 2SC5600 Datasheet HTML 28Page - Renesas Technology Corp 2SC5600 Datasheet HTML 29Page - Renesas Technology Corp 2SC5600 Datasheet HTML 30Page - Renesas Technology Corp 2SC5600 Datasheet HTML 31Page - Renesas Technology Corp 2SC5600 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
Data Sheet P15571EJ1V0DS
26
µµµµPA841TD
VCE = 3 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
(dB)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.524
0.445
0.363
0.308
0.269
0.247
0.233
0.225
0.226
0.226
0.232
0.239
0.245
0.253
0.258
0.265
0.270
0.273
0.280
0.279
0.291
0.289
0.302
0.299
0.309
0.308
0.313
0.314
0.309
0.311
0.364
0.454
−31.2
−59.6
−80.1
−95.6
−112.0
−124.7
−136.9
−147.7
−156.8
−164.9
−172.0
−176.8
177.6
174.0
170.1
166.8
163.8
161.0
158.5
156.3
154.3
152.4
151.6
150.2
148.8
146.5
146.2
143.9
142.6
138.8
119.3
101.8
29.776
24.547
19.730
16.104
13.477
11.550
10.103
8.906
7.971
7.224
6.593
6.038
5.595
5.198
4.867
4.569
4.302
4.071
3.855
3.676
3.521
3.365
3.239
3.110
2.989
2.894
2.788
2.685
2.562
2.494
1.908
1.502
154.7
135.5
122.9
113.9
107.4
102.1
98.2
94.4
91.4
88.5
86.0
84.0
81.6
79.5
77.4
75.4
73.6
71.7
70.3
68.4
66.9
65.5
64.2
62.8
61.4
60.4
59.1
58.0
55.9
54.4
38.6
25.3
0.013
0.022
0.029
0.035
0.040
0.046
0.051
0.057
0.062
0.068
0.073
0.079
0.084
0.090
0.095
0.101
0.106
0.112
0.117
0.122
0.128
0.134
0.139
0.145
0.150
0.156
0.161
0.166
0.172
0.178
0.233
0.284
79.3
69.8
66.8
65.3
65.7
65.9
66.0
66.7
66.8
67.0
67.0
67.0
66.9
66.6
66.3
65.9
65.5
65.3
64.8
64.4
64.0
63.6
63.2
62.6
62.1
61.7
61.1
60.4
59.3
59.0
52.0
40.8
0.896
0.758
0.631
0.540
0.475
0.424
0.387
0.357
0.334
0.314
0.300
0.287
0.279
0.271
0.265
0.261
0.255
0.250
0.247
0.241
0.240
0.232
0.231
0.222
0.221
0.215
0.212
0.207
0.195
0.197
0.186
0.178
−16.9
−28.0
−33.4
−36.1
−37.1
−37.7
−37.9
−38.3
−38.9
−39.9
−40.9
−42.1
−43.1
−44.5
−45.6
−46.6
−47.6
−48.3
−49.3
−49.3
−50.6
−50.1
−51.1
−51.7
−52.7
−54.3
−53.8
−56.2
−57.7
−61.8
−91.3
−131.4
0.280
0.454
0.617
0.741
0.831
0.902
0.951
0.995
1.025
1.048
1.065
1.081
1.090
1.097
1.103
1.106
1.112
1.119
1.122
1.129
1.120
1.130
1.118
1.127
1.123
1.126
1.126
1.134
1.156
1.151
1.133
1.123
33.61
30.48
28.32
26.63
25.23
24.02
22.94
21.97
20.13
18.94
17.99
17.11
16.40
15.73
15.13
14.58
14.03
13.52
13.05
12.59
12.29
11.82
11.58
11.15
10.86
10.53
10.23
9.86
9.34
9.11
6.91
5.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com