Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

968/03 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 968/03
Description  PCB connector Screw connection, large conductor space
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

968/03 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  968/03 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
968(-DS)
PCB connector
Screw connection, large conductor space
11.17
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
2-8 poles: CTI ≥ 600; 9-32 poles: CTI 400
Insulating Group
2-8 poles: I; 9-32 poles: II
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M3; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated copper
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,08
• Longer P.C. pins up to 95 mm
• 2 P.C. pins per pole, please see 978-TY
• Version with extended wire entrance
[1] Min No. 26 AWG for factory-wiring only
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 968/02
30.878.002
968-DS/02
40.878.002
11,16 mm
Box
250
3 968/03
30.878.003
968-DS/03
40.878.003
16,24 mm
Box
250
4 968/04
30.878.004
968-DS/04
40.878.004
21,32 mm
Box
200
5 968/05
30.878.005
968-DS/05
40.878.005
26,40 mm
Box
100
6 968/06
30.878.006
968-DS/06
40.878.006
31,48 mm
Box
100
further number of poles on request
GENERAL INFORMATION
Pitch
5,08 mm
No. of poles
2 - 32
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
0,75 - 6 mm² / 0,75 - 4 mm² / 18 - 10 AWG
with wire protector
0,34 - 6 mm² / 0,34 - 4 mm² / 22 - 10 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
6,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
250 V (200 V)
320 V
630 V (400 V)
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
250 V acc. to EN 60998-1
Rated Current
24 A
Hole in PCB
ø 1,3 mm
Torque
0,5 Nm
Other specifications
Voltage data in brackets are valid for 9-32 poles
types. 2-8 poles types: "no-flame" acc. to glow-wire
test.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
20
10
300
300
B
D
22-12 [1]
22-12 [1]
0,51
0,51
20
10
300
300
B
D, E
26 - 12
26 - 12
0,51
0,51
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 968/03

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
968-4200-A1D AMPHENOL-968-4200-A1D Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
968-4200-A1E AMPHENOL-968-4200-A1E Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
968-4200-A1H AMPHENOL-968-4200-A1H Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
968-4200-A1J AMPHENOL-968-4200-A1J Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
968-4200-A1K AMPHENOL-968-4200-A1K Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
More results

Similar Description - 968/03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
938-FLDS WECO-938-FLDS Datasheet
85Kb / 1P
Plug connector Screw connection, large conductor space
04.13
938-T WECO-938-T Datasheet
76Kb / 1P
PCB connector Screw connection, large conductor space, interlocking
04.13
938 WECO-938 Datasheet
67Kb / 1P
PCB connector Screw connection, large conductor space
02.13
958-FL-DS WECO-958-FL-DS Datasheet
80Kb / 1P
Plug connector Screw connection, large conductor space
05.11
968-T WECO-968-T Datasheet
63Kb / 1P
PCB connector Screw connection, large conductor space, interlocking
11.17
969 WECO-969 Datasheet
62Kb / 1P
PCB connector Screw connection, large conductor space
11.17
978-HEN WECO-978-HEN Datasheet
100Kb / 1P
PCB connector Screw connection, tall version, large conductor space
11.17
978-T WECO-978-T Datasheet
70Kb / 1P
PCB connector Screw connection, interlocking, large conductor space
11.17
978 WECO-978 Datasheet
77Kb / 1P
PCB connector Screw connection, large conductor space
11.17
979 WECO-979 Datasheet
76Kb / 1P
PCB connector Screw connection, large conductor space
11.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com