Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5745 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5745
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5745 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5745 Datasheet HTML 12Page - Renesas Technology Corp 2SC5745 Datasheet HTML 13Page - Renesas Technology Corp 2SC5745 Datasheet HTML 14Page - Renesas Technology Corp 2SC5745 Datasheet HTML 15Page - Renesas Technology Corp 2SC5745 Datasheet HTML 16Page - Renesas Technology Corp 2SC5745 Datasheet HTML 17Page - Renesas Technology Corp 2SC5745 Datasheet HTML 18Page - Renesas Technology Corp 2SC5745 Datasheet HTML 19Page - Renesas Technology Corp 2SC5745 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Data Sheet PU10098EJ01V0DS
14
µµµµPA855TD
S-PARAMETERS Q1
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.961
0.961
0.921
0.914
0.894
0.854
0.821
0.782
0.743
0.714
0.682
0.658
0.633
0.607
0.583
0.567
0.556
0.536
0.528
0.525
0.524
0.521
0.517
0.513
0.513
0.511
0.510
0.507
0.504
0.499
0.515
0.556
−8.4
−15.5
−24.3
−32.7
−40.6
−48.3
−56.5
−64.0
−71.7
−79.5
−87.0
−94.6
−101.3
−108.3
−114.2
−120.7
−126.5
−132.0
−136.4
−141.8
−146.5
−150.5
−154.4
−158.8
−162.4
−166.4
−169.2
−173.0
−175.7
−179.3
146.5
113.6
3.504
3.429
3.361
3.329
3.294
3.179
3.093
2.979
2.853
2.743
2.625
2.525
2.402
2.298
2.193
2.097
2.014
1.926
1.849
1.769
1.713
1.666
1.604
1.557
1.498
1.457
1.422
1.377
1.342
1.304
1.036
0.823
171.5
166.5
160.1
153.0
146.8
139.9
134.1
127.8
122.7
117.4
112.0
106.9
102.5
97.6
93.8
89.7
86.2
82.2
79.5
76.1
73.4
70.9
67.9
66.0
63.5
60.4
58.4
56.0
54.1
51.9
30.8
12.1
0.024
0.049
0.074
0.096
0.118
0.138
0.155
0.169
0.182
0.192
0.201
0.209
0.215
0.219
0.223
0.225
0.226
0.226
0.226
0.226
0.226
0.225
0.224
0.223
0.221
0.220
0.219
0.218
0.219
0.217
0.211
0.243
80.6
79.5
75.1
70.1
65.1
60.1
55.8
51.5
47.5
43.9
40.4
37.5
34.2
31.4
29.1
26.7
24.6
23.0
21.4
20.2
19.0
18.0
17.1
16.1
15.5
13.9
13.4
12.6
12.9
12.7
15.9
19.4
0.996
0.984
0.975
0.952
0.933
0.892
0.864
0.821
0.787
0.744
0.716
0.681
0.658
0.627
0.609
0.581
0.563
0.540
0.526
0.508
0.497
0.484
0.479
0.466
0.461
0.455
0.449
0.443
0.433
0.423
0.367
0.373
−4.3
−8.6
−12.7
−17.1
−21.2
−25.5
−29.3
−33.2
−36.9
−40.4
−43.8
−46.9
−49.9
−52.5
−55.1
−57.2
−59.4
−60.9
−63.0
−64.4
−66.4
−67.7
−69.7
−70.9
−72.7
−74.6
−76.1
−77.0
−78.4
−79.5
−101.8
−129.5
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.878
0.871
0.808
0.773
0.726
0.665
0.620
0.576
0.541
0.517
0.491
0.477
0.465
0.451
0.442
0.438
0.438
0.430
0.426
0.435
0.439
0.438
0.436
0.439
0.440
0.443
0.442
0.445
0.444
0.442
0.478
0.524
−13.6
−26.1
−39.5
−52.1
−63.9
−74.3
−84.9
−94.2
−103.6
−112.2
−120.7
−128.3
−134.9
−142.0
−148.1
−154.2
−158.9
−164.5
−167.7
−171.9
−175.3
−178.2
179.1
175.2
172.4
169.6
167.3
164.3
162.5
159.0
132.4
105.6
8.711
8.365
7.891
7.470
7.046
6.469
6.014
5.541
5.127
4.764
4.409
4.137
3.852
3.610
3.396
3.198
3.034
2.874
2.751
2.605
2.501
2.417
2.317
2.238
2.144
2.067
2.020
1.949
1.894
1.832
1.395
1.101
168.3
159.1
150.1
140.8
132.9
125.4
119.3
113.2
108.5
103.9
99.4
95.4
91.9
88.1
85.3
82.1
79.7
76.6
74.5
71.9
69.7
67.9
65.4
63.9
62.1
59.6
58.0
56.1
54.5
52.8
34.7
17.6
0.024
0.047
0.067
0.085
0.100
0.112
0.121
0.128
0.135
0.140
0.144
0.148
0.152
0.154
0.157
0.159
0.162
0.164
0.167
0.170
0.172
0.175
0.178
0.180
0.183
0.186
0.189
0.192
0.197
0.200
0.239
0.293
82.5
74.9
68.6
62.2
57.0
52.4
48.8
45.7
43.1
41.1
39.5
38.3
36.9
35.8
35.3
34.7
34.2
34.0
33.7
33.8
33.5
33.6
33.5
33.5
33.5
32.8
32.8
32.5
32.8
32.7
31.9
24.4
0.978
0.944
0.903
0.841
0.785
0.712
0.659
0.598
0.552
0.505
0.472
0.438
0.416
0.388
0.373
0.348
0.336
0.316
0.306
0.291
0.285
0.273
0.270
0.261
0.258
0.252
0.248
0.242
0.236
0.227
0.213
0.251
−8.4
−16.6
−24.0
−31.1
−37.3
−43.0
−47.9
−52.4
−56.7
−60.5
−64.1
−67.7
−70.6
−73.6
−75.8
−78.2
−80.3
−82.1
−84.2
−85.8
−88.2
−89.5
−91.8
−92.9
−94.8
−96.2
−97.8
−98.7
−100.6
−101.7
−133.1
−161.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com