Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5435 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 2SC5435
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5435 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 2SC5435 Datasheet HTML 27Page - Renesas Technology Corp 2SC5435 Datasheet HTML 28Page - Renesas Technology Corp 2SC5435 Datasheet HTML 29Page - Renesas Technology Corp 2SC5435 Datasheet HTML 30Page - Renesas Technology Corp 2SC5435 Datasheet HTML 31Page - Renesas Technology Corp 2SC5435 Datasheet HTML 32Page - Renesas Technology Corp 2SC5435 Datasheet HTML 33Page - Renesas Technology Corp 2SC5435 Datasheet HTML 34Page - Renesas Technology Corp 2SC5435 Datasheet HTML 35Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Data Sheet PU10067EJ01V0DS
30
µµµµPA860TD
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.637
0.587
0.526
0.471
0.408
0.365
0.324
0.292
0.270
0.250
0.236
0.226
0.219
0.215
0.212
0.207
0.204
0.203
0.201
0.202
0.194
0.195
0.193
0.190
0.191
0.189
0.190
0.189
0.193
0.194
0.275
0.430
−14.8
−27.8
−39.9
−50.7
−59.7
−68.0
−76.1
−83.8
−90.8
−97.8
−104.3
−110.4
−116.3
−120.8
−125.0
−129.8
−133.1
−135.6
−139.3
−142.3
−145.2
−147.9
−150.6
−153.7
−156.5
−159.7
−162.4
−164.8
−167.3
−169.6
176.0
169.3
21.965
20.062
18.254
16.367
14.570
13.041
11.704
10.634
9.697
8.878
8.203
7.593
7.089
6.617
6.234
5.878
5.564
5.279
5.017
4.776
4.573
4.406
4.229
4.067
3.920
3.771
3.637
3.530
3.439
3.331
2.552
2.036
164.8
151.7
141.3
131.6
124.0
117.7
112.4
107.7
103.6
100.0
96.8
93.9
91.1
88.4
86.2
83.9
81.5
79.6
77.5
75.6
73.8
71.9
70.0
68.3
66.8
65.0
63.3
61.5
59.9
58.4
43.6
27.1
0.010
0.017
0.024
0.029
0.035
0.039
0.043
0.047
0.051
0.055
0.059
0.063
0.067
0.071
0.076
0.080
0.084
0.089
0.093
0.098
0.102
0.107
0.112
0.117
0.123
0.128
0.134
0.139
0.144
0.150
0.223
0.306
83.2
78.8
73.0
70.4
68.7
67.8
67.6
67.6
67.9
68.4
68.6
69.2
69.7
70.1
70.5
70.8
71.2
71.4
71.7
71.9
72.0
71.9
71.9
71.9
71.8
71.7
71.7
71.5
71.8
71.5
67.1
50.3
0.948
0.889
0.817
0.745
0.679
0.622
0.574
0.534
0.501
0.471
0.447
0.426
0.408
0.392
0.380
0.367
0.358
0.350
0.344
0.338
0.333
0.330
0.329
0.326
0.323
0.322
0.322
0.322
0.320
0.318
0.262
0.228
−8.9
−17.0
−23.2
−27.9
−31.1
−33.6
−35.4
−36.8
−38.0
−39.1
−40.0
−40.8
−41.8
−42.8
−44.1
−45.3
−46.7
−48.0
−49.5
−51.0
−52.7
−54.6
−56.1
−58.0
−59.6
−61.6
−63.2
−65.0
−66.2
−68.2
−91.7
−123.4
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.465
0.412
0.352
0.299
0.248
0.219
0.191
0.176
0.162
0.152
0.149
0.145
0.142
0.143
0.146
0.147
0.148
0.148
0.148
0.150
0.147
0.149
0.148
0.149
0.149
0.146
0.148
0.151
0.154
0.158
0.243
0.396
−18.5
−33.3
−46.4
−57.7
−66.8
−74.6
−83.7
−92.3
−100.2
−108.1
−115.6
−122.6
−127.6
−132.6
−136.6
−141.8
−144.3
−146.9
−149.6
−151.3
−154.5
−157.1
−159.5
−162.6
−165.4
−168.7
−171.5
−173.6
−175.5
−178.1
173.1
169.0
30.468
26.532
22.972
19.710
17.017
14.874
13.151
11.784
10.656
9.689
8.916
8.232
7.650
7.133
6.697
6.306
5.966
5.653
5.370
5.109
4.885
4.692
4.495
4.322
4.172
4.011
3.863
3.753
3.647
3.532
2.692
2.137
160.3
144.8
133.3
123.6
116.4
110.9
106.2
102.1
98.7
95.6
92.8
90.4
88.0
85.7
83.6
81.7
79.5
77.8
76.1
74.4
72.7
71.0
69.3
67.7
66.2
64.7
63.1
61.5
60.0
58.6
44.9
30.1
0.008
0.015
0.021
0.026
0.031
0.036
0.041
0.046
0.050
0.055
0.060
0.064
0.070
0.075
0.080
0.084
0.090
0.095
0.100
0.105
0.110
0.116
0.121
0.126
0.132
0.138
0.143
0.149
0.154
0.160
0.231
0.306
84.6
76.9
74.2
73.8
73.7
73.7
74.1
74.1
74.3
74.6
74.6
74.8
74.6
74.8
74.7
74.8
74.6
74.4
74.2
73.9
73.6
73.4
73.0
72.5
72.1
71.8
71.5
70.9
70.9
70.6
64.6
47.9
0.909
0.821
0.726
0.643
0.578
0.525
0.481
0.447
0.419
0.394
0.374
0.356
0.341
0.328
0.317
0.307
0.299
0.292
0.287
0.282
0.279
0.276
0.276
0.273
0.272
0.270
0.271
0.271
0.269
0.268
0.209
0.179
−11.5
−21.2
−27.4
−31.4
−33.7
−35.2
−36.1
−36.8
−37.4
−38.0
−38.6
−39.1
−39.9
−40.8
−41.9
−43.2
−44.3
−45.6
−47.1
−48.7
−50.3
−52.2
−53.8
−55.7
−57.5
−59.5
−61.2
−63.0
−64.2
−66.2
−90.6
−122.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com