Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5786 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 2SC5786
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5786 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 2SC5786 Datasheet HTML 24Page - Renesas Technology Corp 2SC5786 Datasheet HTML 25Page - Renesas Technology Corp 2SC5786 Datasheet HTML 26Page - Renesas Technology Corp 2SC5786 Datasheet HTML 27Page - Renesas Technology Corp 2SC5786 Datasheet HTML 28Page - Renesas Technology Corp 2SC5786 Datasheet HTML 29Page - Renesas Technology Corp 2SC5786 Datasheet HTML 30Page - Renesas Technology Corp 2SC5786 Datasheet HTML 31Page - Renesas Technology Corp 2SC5786 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Data Sheet PU10067EJ01V0DS
26
µµµµPA860TD
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.766
0.736
0.681
0.635
0.574
0.529
0.483
0.445
0.416
0.391
0.372
0.356
0.345
0.337
0.330
0.325
0.316
0.313
0.311
0.309
0.303
0.300
0.296
0.295
0.293
0.293
0.294
0.295
0.296
0.295
0.372
0.507
−11.3
−24.0
−35.5
−46.8
−56.6
−65.6
−74.5
−82.9
−90.5
−97.9
−104.6
−110.5
−116.1
−121.5
−126.1
−130.8
−134.4
−137.9
−140.8
−143.8
−147.2
−150.2
−152.7
−155.9
−158.8
−162.2
−165.4
−167.7
−170.1
−173.0
170.5
160.6
13.912
13.080
12.387
11.598
10.628
9.782
8.986
8.274
7.639
7.066
6.569
6.124
5.734
5.372
5.069
4.793
4.541
4.319
4.114
3.932
3.765
3.626
3.488
3.358
3.241
3.114
3.005
2.923
2.853
2.760
2.118
1.662
168.1
157.4
148.3
139.1
131.4
124.7
118.6
113.4
108.6
104.3
100.5
97.1
93.6
90.7
87.8
85.1
82.4
80.1
77.8
75.6
73.5
71.3
69.2
67.1
65.4
63.3
61.2
59.2
57.3
55.7
39.1
20.5
0.013
0.022
0.032
0.039
0.046
0.051
0.056
0.060
0.063
0.066
0.070
0.073
0.076
0.079
0.082
0.085
0.088
0.092
0.095
0.099
0.103
0.107
0.111
0.116
0.120
0.125
0.131
0.136
0.141
0.146
0.223
0.314
79.8
77.6
71.8
67.2
63.7
61.1
59.6
58.2
57.4
57.1
57.1
57.2
57.6
58.1
59.0
59.6
60.4
61.2
61.9
62.9
63.4
64.1
64.6
65.0
65.4
65.9
66.4
66.6
67.4
67.5
65.1
47.7
0.968
0.930
0.879
0.821
0.762
0.705
0.653
0.607
0.569
0.533
0.503
0.475
0.452
0.434
0.417
0.402
0.390
0.380
0.371
0.364
0.358
0.353
0.351
0.346
0.344
0.341
0.341
0.340
0.338
0.335
0.284
0.246
−7.4
−14.6
−20.8
−26.2
−30.6
−34.3
−37.3
−39.8
−42.0
−44.1
−45.7
−47.4
−48.9
−50.6
−52.3
−54.0
−55.8
−57.5
−59.3
−61.0
−62.9
−65.0
−66.9
−68.9
−70.8
−72.8
−74.6
−76.7
−78.1
−80.1
−107.0
−143.8
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.697
0.654
0.601
0.545
0.482
0.436
0.394
0.364
0.339
0.320
0.306
0.294
0.286
0.282
0.278
0.277
0.275
0.269
0.269
0.272
0.266
0.263
0.260
0.259
0.262
0.260
0.258
0.262
0.263
0.266
0.346
0.485
−14.5
−27.9
−40.4
−52.5
−62.8
−72.1
−81.3
−89.7
−97.6
−105.0
−112.0
−118.0
−123.5
−128.3
−132.9
−137.7
−140.7
−144.2
−147.4
−149.4
−152.7
−155.8
−159.1
−161.4
−164.5
−167.2
−170.3
−172.6
−174.8
−177.1
168.6
160.5
17.553
16.248
15.037
13.728
12.356
11.174
10.094
9.213
8.434
7.740
7.160
6.649
6.204
5.812
5.465
5.155
4.878
4.630
4.402
4.206
4.020
3.868
3.714
3.576
3.446
3.319
3.195
3.103
3.029
2.932
2.243
1.761
166.2
154.0
143.8
134.2
126.3
119.8
114.1
109.1
104.7
100.8
97.2
94.2
91.2
88.3
85.8
83.3
80.8
78.6
76.4
74.4
72.5
70.4
68.4
66.5
64.9
63.1
61.2
59.3
57.6
55.9
40.3
22.7
0.012
0.021
0.030
0.037
0.043
0.048
0.052
0.056
0.060
0.063
0.067
0.071
0.075
0.079
0.083
0.087
0.091
0.095
0.100
0.104
0.109
0.113
0.118
0.123
0.128
0.133
0.139
0.145
0.150
0.155
0.230
0.313
84.3
76.3
70.4
67.8
64.9
62.8
61.9
61.5
61.2
61.4
61.6
62.1
62.7
63.0
63.6
64.1
64.6
65.2
65.6
66.0
66.3
66.4
66.5
66.7
66.7
66.8
67.0
66.8
67.3
67.2
63.1
46.0
0.953
0.904
0.837
0.766
0.698
0.639
0.585
0.541
0.502
0.469
0.441
0.417
0.396
0.378
0.363
0.349
0.338
0.329
0.322
0.315
0.310
0.306
0.304
0.300
0.299
0.296
0.296
0.296
0.293
0.291
0.241
0.208
−8.9
−17.2
−24.0
−29.6
−33.7
−37.1
−39.8
−42.0
−43.7
−45.3
−46.7
−48.0
−49.5
−51.0
−52.5
−54.1
−55.7
−57.3
−59.1
−60.9
−62.7
−64.8
−66.5
−68.7
−70.5
−72.7
−74.4
−76.5
−77.7
−79.9
−107.9
−144.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com