Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9286BA Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9286BA
Description  Multicomponent Force Plate Portable – for Applications in Biomechanics, Fz 0 ... 10 kN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9286BA Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9286BA Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9286BA Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2008 ... 2014, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 2/4
Multicomponent Force Plate – Portable, for Applications in Biomechanics, Fz 0 ... 10 kN, Type 9286B...
Force Plate with Built-in 8 Channel Charge Amplifier, Type 9286BA
Calibrated range 3
Fx, Fy
kN
–2,5 ... 2,5
Fz
kN
0 ... 10
Calibrated partial range
Fx, Fy
kN
0 ... 0,25
Fz
kN
0 ... 1
Sensitivity range 1
Fx, Fy
mV/N
≈403)
Fz
mV/N
≈183)
Sensitivity range 4
Fx, Fy
mV/N
≈2,03)
Fz
mV/N
≈0,93)
Ratio ranges 1:2:3:4
1 : 5 : 10 : 204)
Threshold
mN
<2505)
Drift
mN/s
<±10
Supply voltage
V DC
10 ... 30
Supply current
mA
≈45
(606)
(600)
(550)
4 Measuring element
3 Measuring element
x
z
y
Measuring element 1
Measuring element 2
ø 56
Floor covering provided by user
Load washer
Anti-slip floor covering
Output voltage
V
0 ... ±5
Output current
mA
–2 ... 2
Control inputs (optocoupler)
V
5 ... 45
mA
0,4 ... 4,4
3) nominal value
4) ±0,5 % accuracy
5) only range 1
Conforms to the ä safety standards (73/23/EG) for electrical equipment
and systems:
EN 60601-1:2005, EN 61010-1:2001
and the EMC standards (89/336/EG):
EN 60601-1:2005 (EN 55022 Class B), EN 61000-6-3:2004
(EN 55022 Class B), EN 61000-6-4:2001 (EN 55011 Class B),
EN 60601-1:2005, EN 61000-6-1:2001, EN 61000-6-2:2005
Dimensions
Fig. 1:
Dimensions of portable multicomponent force plate Type 9286BA
Walkway Type 9401B...
Four different lightweight sandwich elements are available for
assembling a walkway of any length with various arrange-
ments of force plates. An anti-slip floor covering provides
safety on the walkway as well as on the force plate.
620 mm
1200 mm
800 mm
620 mm
200 mm
2
3
4
1
35 mm
140 mm
600mm
400mm
Walkway:
1 = Type 9401B01, 2 = Type 9401B02, 3 = Type 9401B03,
4 = Type 9401B04
Fig. 2:
Mounting examples



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com