Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1T45 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC1T45
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1T45 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1T45 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1T45 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Nexperia
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
VCC(B)
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5.0 V
± 0.5 V
Symbol Parameter
Conditions
Min Max Min Max Min Max Min Max Min Max
Unit
VCC(A) = 4.5 V to 5.5 V
A to B
1.9 18.3 1.7 16.7 0.9
8.3
0.6
6.0
0.4
4.3 ns
tPLH
LOW to HIGH
propagation delay B to A
1.4 11.6 1.2
7.5
0.9
5.3
0.6
4.9
0.4
4.3 ns
A to B
2.0 16.9 1.6 13.5 0.9
6.9
0.6
5.0
0.4
3.9 ns
tPHL
HIGH to LOW
propagation delay B to A
1.5 11.9 1.5
7.7
0.8
5.1
0.6
4.4
0.4
3.9 ns
DIR to A
1.5
6.0
1.5
6.0
1.5
6.0
1.5
6.0
1.5
6.0 ns
tPHZ
HIGH to OFF-state
propagation delay DIR to B
2.6 19.1 2.6 17.8 2.0 10.7 2.4
8.8
2.2
6.3 ns
DIR to A
1.2
4.1
1.2
4.1
1.1
4.1
0.9
4.1
0.8
4.1 ns
tPLZ
LOW to OFF-state
propagation delay DIR to B
2.0 14.5 2.1 13.4 1.7
8.2
2.0
7.7
1.6
5.0 ns
DIR to A
[1]
-
26.1
-
20.9
-
13.5
-
12.6
-
9.3 ns
tPZH
OFF-state to HIGH
propagation delay DIR to B
[1]
-
22.4
-
20.8
-
12.4
-
10.1
-
8.4 ns
DIR to A
[1]
-
31.0
-
25.5
-
15.8
-
13.2
-
10.2 ns
tPZL
OFF-state to LOW
propagation delay DIR to B
[1]
-
22.9
-
19.5
-
12.9
-
11.0
-
9.9 ns
[1] tPZH and tPZL are calculated values using the formula shown in Section 13.4
11.1. Waveforms and test circuit
001aae967
A, B input
B, A output
tPLH
tPHL
GND
VI
VOH
VM
VM
VOL
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. The data input (A, B) to output (B, A) propagation delay times
74LVC_LVCH1T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 10 February 2022
13 / 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com