Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP107 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSP107
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP107 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSP107 Datasheet HTML 1Page - NXP Semiconductors BSP107 Datasheet HTML 2Page - NXP Semiconductors BSP107 Datasheet HTML 3Page - NXP Semiconductors BSP107 Datasheet HTML 4Page - NXP Semiconductors BSP107 Datasheet HTML 5Page - NXP Semiconductors BSP107 Datasheet HTML 6Page - NXP Semiconductors BSP107 Datasheet HTML 7Page - NXP Semiconductors BSP107 Datasheet HTML 8Page - NXP Semiconductors BSP107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP107
FEATURES
• Direct interface to C-MOS, TTL,
etc. due to low threshold voltage
• High-speed switching
• No secondary breakdown.
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in a
miniature SOT223 envelope.
Intended for use as a line current
interruptor in telephone sets and for
applications in relay, high-speed and
line transformer driver switching.
PINNING - SOT223
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VDS
drain-source voltage (DC)
200
V
VGS(th)
gate-source threshold voltage
2.4
V
ID
drain current (DC)
200
mA
RDS(on)
drain-source on-state resistance
28
Ω
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM054
4
12
3
Top view
s
d
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com