Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP108 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP108
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP108 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP108 Datasheet HTML 1Page - NXP Semiconductors BSP108 Datasheet HTML 2Page - NXP Semiconductors BSP108 Datasheet HTML 3Page - NXP Semiconductors BSP108 Datasheet HTML 4Page - NXP Semiconductors BSP108 Datasheet HTML 5Page - NXP Semiconductors BSP108 Datasheet HTML 6Page - NXP Semiconductors BSP108 Datasheet HTML 7Page - NXP Semiconductors BSP108 Datasheet HTML 8Page - NXP Semiconductors BSP108 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP108
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Note
1. Device mounted on an epoxy printed-circuit board 40 mm
× 40 mm × 1.5 mm; mounting pad for the collector lead
min. 6 cm2.
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source voltage
VDS
max.
80 V
Gate-source voltage (open drain)
± V
GSO
max.
20 V
Drain current (DC)
ID
max.
500 mA
Drain current (peak)
IDM
max.
1.0 A
Total power dissipation up to Tamb =25 °C (note 1)
Ptot
max.
1.5 W
Storage temperature range
Tstg
−65 to + 150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient (note 1)
Rth j-a
=
83.3 K/W
Drain-source breakdown voltage
ID =10 µA; VGS =0
V(BR) DSS
min.
80 V
Gate threshold voltage
min.
max.
1.5
3.5
V
V
ID = 1 mA; VGS =VDS
VGS (th)
Gate-source leakage current
± V
GS =20V; VDS =0
IGSS
max.
100 nA
Drain-source leakage current
VDS = 60 V; VGS =0
IDSS
max.
1.0
µA
Drain-source ON-resistance
typ.
max.
2.0
3.0
Ω
Ω
ID = 500 mA; VGS =10V
RDS(on)
Transfer admittance
min.
typ.
150
300
mS
mS
ID = 500 mA; VDS =15V
 Yfs
Input capacitance at f = 1 MHz;
typ.
max.
45
60
pF
pF
VDS = 10 V; VGS =0
Ciss
Output capacitance at f = 1 MHz;
typ.
max.
30
45
pF
pF
VDS = 10 V; VGS =0
Coss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com