Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5934 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5934 Datasheet HTML 9Page - Analog Devices AD5934 Datasheet HTML 10Page - Analog Devices AD5934 Datasheet HTML 11Page - Analog Devices AD5934 Datasheet HTML 12Page - Analog Devices AD5934 Datasheet HTML 13Page - Analog Devices AD5934 Datasheet HTML 14Page - Analog Devices AD5934 Datasheet HTML 15Page - Analog Devices AD5934 Datasheet HTML 16Page - Analog Devices AD5934 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD5934
Rev. 0 | Page 13 of 32
FREQUENCY SWEEP COMMAND SEQUENCE
The following sequence must be followed to implement a
frequency sweep.
1.
Enter standby mode.
Prior to issuing a Start Frequency Sweep command, the device
must be placed in a standby mode by issuing an Enter Standby
Mode command to the CONTROL register (Register 80 h). In
this mode, the VOUT and VIN pins are connected internally to
ground so there is no dc bias across the external impedance or
between the impedance and ground.
2.
Enter initialize mode.
In general, high Q complex circuits require a long time to
reach steady state. To facilitate the measurement of such
impedances, this mode allows the user full control of the
settling time requirement before entering start frequency
sweep mode where the impedance measurement takes place.
An Initialize with Start Frequency Command to the
CONTROL register enters initialize mode. In this mode the
impedance is excited with the programmed start frequency
but no measurement takes place. The user times out the
required settling time before issuing a Start Frequency
Sweep command to the CONTROL register to enter the
start frequency sweep mode.
3.
Enter start frequency sweep mode.
The user enters this mode by issuing a Start Frequency Sweep
command to the control register. In this mode, the ADC
starts measuring after the programmed Number of Settling
Time Cycles has elapsed. The user can program an integer
number of output frequency cycles (settling time cycles) to
Register 8A h and Register 8B h before beginning the
measurement at each frequency point (see Figure 28).
The DDS output signal is passed through a programmable gain
stage in order to generate the four ranges of peak-to-peak output
excitation signals listed in Table 6. The peak-to-peak output
excitation voltage is selected by setting Bit D10 and Bit D9 in
the CONTROL register—see the Control Register section—
and is made available at the VOUT pin.
PHASE
ACCUMULATOR
(27 BITS)
VOUT
DAC
R(GAIN)
VBIAS
Figure 16. AD5934 Transmit Stage
RECEIVE STAGE
The receive stage comprises a current–to-voltage amplifier,
followed by a programmable gain amplifier (PGA), antialiasing
filter, and ADC. The receive stage schematic is shown in
Figure 17. The unknown impedance is connected between the
VOUT and VIN pins. The first stage current-to-voltage amplifier
configuration means that a voltage present at the VIN pin is a
virtual ground with a dc value set at VDD/2. The signal current
that is developed across the unknown impedance flows into the
VIN pin and develops a voltage signal at the output of the current-
to-voltage converter. The gain of the current-to voltage amplifier
is determined by a user-selectable feedback resistor connected
between Pins 4 (RFB) and Pin 5 (VIN). It is important for the user
to choose a feedback resistance value which, in conjunction with
the selected gain of the PGA stage, maintains the signal within the
linear range of the ADC (0 V to VDD).
The PGA allows the user to gain the output of the current-to-
voltage amplifier by a factor of 5 or 1 depending upon the status
of Bit D8 in the CONTROL register (see the Register Map section
Register 81h). The signal is then low-pass filtered and presented
to the input of the 12-bit, 250 kSPS ADC.
5
× R
R
R
R
C
VIN
VDD/2
RFB
ADC
LPF
Figure 17. AD5934 Receive Stage
The digital data from the ADC is passed directly to the DSP core
of the AD5934 which performs a DFT on the sampled data.
DFT OPERATION
A DFT is calculated for each frequency point in the sweep. The
AD5934 DFT algorithm is represented by
()
))
sin(
)
)(cos(
(
)
(
1023
0
n
j
n
n
x
f
X
n
−
=
∑
=
where X(f) is the power in the signal at the frequency point f, x(n)
is the ADC output, with the cos(n) and sin(n) the sampled test
vectors provided by the DDS core at the frequency f.
The multiplication is accumulated over 1024 samples for each
frequency point. The result is stored in two, 16-bit registers
representing the real and imaginary components of the result. The
data is stored in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com