Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6624 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6624
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6624 Datasheet HTML 8Page - Analog Devices AD6624 Datasheet HTML 9Page - Analog Devices AD6624 Datasheet HTML 10Page - Analog Devices AD6624 Datasheet HTML 11Page - Analog Devices AD6624 Datasheet HTML 12Page - Analog Devices AD6624 Datasheet HTML 13Page - Analog Devices AD6624 Datasheet HTML 14Page - Analog Devices AD6624 Datasheet HTML 15Page - Analog Devices AD6624 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
REV. B
AD6624
–12–
PIN FUNCTION DESCRIPTIONS (continued)
Pin No.
Mnemonic
Type
Function
92
SCLK1
1
I/O
Bidirectional Serial Clock—Channel 1
93
SDFS1
1
I/O
Bidirectional Serial Data Frame Sync—Channel 1
94
SDO1
1
O/T
Serial Data Output—Channel 1
95
SDIN1
1
I
Serial Data Input—Channel 1
97
SDFE1
O
Serial Data Frame End—Channel 1
98
DR1
O
Output Data Ready Indicator—Channel 1
99
SCLK2
1
I/O
Bidirectional Serial Clock—Channel 2
100
SDFS2
1
I/O
Bidirectional Serial Data Frame Sync—Channel 2
101
SDO2
1
O/T
Serial Data Output—Channel 2
104
SDIN2
1
I
Serial Data Input—Channel 2
105
SDFE2
O
Serial Data Frame End—Channel 2
106
DR2
O
Output Data Ready Indicator—Channel 3
107
SCLK3
1
I/O
Bidirectional Serial Clock—Channel 3
109
SDFS3
1
I/O
Bidirectional Serial Data Frame Sync—Channel 3
110
SDO3
1
O/T
Serial Data Output—Channel 3
111
SDIN3
1
I
Serial Data Input—Channel 3
112
SDFE3
O
Serial Data Frame End—Channel 3
114
DR3
O
Output Data Ready Indicator—Channel 3
115–117
EXPB[0:2]
1
IB Input Data (Exponent)
119–122
INB[13:10]
1
IB Input Data (Mantissa)
124–127
INB[9:6]
1
IB Input Data (Mantissa)
NOTES
1Pins with a pull-down resistor of nominal 70 k
Ω.
2Pins with a pull-up resistor of nominal 70 k
Ω.
Pin Types: I = Input, O = Output, P = Power Supply, G = Ground, T = Three-State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com