Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7329 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7329
Description  1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7329 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7329 Datasheet HTML 6Page - Analog Devices AD7329 Datasheet HTML 7Page - Analog Devices AD7329 Datasheet HTML 8Page - Analog Devices AD7329 Datasheet HTML 9Page - Analog Devices AD7329 Datasheet HTML 10Page - Analog Devices AD7329 Datasheet HTML 11Page - Analog Devices AD7329 Datasheet HTML 12Page - Analog Devices AD7329 Datasheet HTML 13Page - Analog Devices AD7329 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
AD7329
Rev. 0 | Page 10 of 40
Pin No.
Mnemonic
Descriptions
17
MUXOUT−
Negative Multiplexer Output. This pin allows access to the on-chip track-and-hold. The voltage applied to this
pin is still a high voltage signal when the AD7329 is in differential mode. When the AD7329 is in single-ended
mode, this signal is AGND, and MUXOUT− can be connected directly to the ADCIN− pin. When the AD7329 is in
pseudo differential mode, a small dc voltage appears at this pin, and this pin should be tied to the ADCIN− pin.
18
ADCIN−
Negative ADC Input. This pin allows access to the track-and-hold. When the AD7329 is in single-ended mode,
this pin can be tied to MUXOUT−, which is connected to AGND. When the AD7329 is in pseudo differential
mode, this pin should be connected to MUXOUT−. When the AD7329 is in true differential mode, the voltage
applied to this pin is a high voltage signal (±10 V, ±5 V, ±2.5 V, or 0 V to +10 V).
9 to 16
VIN0 to VIN7
Analog Input 0 Through Analog Input 7. The analog inputs are multiplexed into the on-chip track-and-hold.
The analog input channel for conversion is selected by programming the channel address bits, ADD2
through ADD0, in the control register. The inputs can be configured as eight single-ended inputs, four true
differential input pairs, four pseudo differential inputs, or seven pseudo differential inputs. The configuration
of the analog inputs is selected by programming the mode bits, Mode 1 and Mode 0, in the control register.
The input range on each input channel is controlled by programming the range registers. Input ranges of
±10 V, ±5 V, ±2.5 V, or 0 V to +10 V can be selected on each analog input channel (see the Range Registers
section). On power up, VIN0 is automatically selected and the voltage on this pin appears on MUXOUT+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com