Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7367 Datasheet HTML 8Page - Analog Devices AD7367 Datasheet HTML 9Page - Analog Devices AD7367 Datasheet HTML 10Page - Analog Devices AD7367 Datasheet HTML 11Page - Analog Devices AD7367 Datasheet HTML 12Page - Analog Devices AD7367 Datasheet HTML 13Page - Analog Devices AD7367 Datasheet HTML 14Page - Analog Devices AD7367 Datasheet HTML 15Page - Analog Devices AD7367 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7367
Preliminary Technical Data
Rev. PrD | Page 14 of 16
another conversion, as shown in Figure 8. See the Power up
time section for power-up times associated with the AD7367.
BUSY
CONVST
SCLK
tconvert
t2
SERIAL READ OPERATION
CS
t3
tpower-up
1
14
ENTERS SHUT-DOWN
Figure 8. Auto-Shutdown Mode
POWER-UP TIMES
The AD7367 has one power down mode, which has already
been described in detail. This section deals with the power-up
time required when coming out of this modes. It should be
noted that the power-up time, as explained in this section,
applies with the recommended capacitors in place on the DCAPA
and DCAPB pins. To power up from shut-down, CONVST must
be brought high and remain high for a minimum of 100μs, as
shown in Figure 8.
When power supplies are first applied to the AD7367, the ADC
may power up with CONVST in either the low or high logic
state. Before attempting a valid conversion CONVST must be
brought high and remain high for the recommended power up
time of 100μs, it can then be brought low to initiate a
conversion. With the AD7367 no dummy conversion is
required before valid data can be read from the
DOUT pins. If it
is intended to place the part in shut-down mode when the
supplies are first applied, then the AD7367 must be powered up
as explained about and a conversion initiated, but CONVST
should remain in the logic low state and when the BUSY signal
goes low thus the part enters shut-down.
Once supplies are applied to the AD7367, enough time must be
allowed for any external reference to power up and charge the
various reference buffer decoupling capacitors to their final values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com