Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7641BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7641BCPZ
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7641BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7641BCPZ Datasheet HTML 6Page - Analog Devices AD7641BCPZ Datasheet HTML 7Page - Analog Devices AD7641BCPZ Datasheet HTML 8Page - Analog Devices AD7641BCPZ Datasheet HTML 9Page - Analog Devices AD7641BCPZ Datasheet HTML 10Page - Analog Devices AD7641BCPZ Datasheet HTML 11Page - Analog Devices AD7641BCPZ Datasheet HTML 12Page - Analog Devices AD7641BCPZ Datasheet HTML 13Page - Analog Devices AD7641BCPZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD7631/AD7634
Preliminary Technical Data
Rev. PrC | Page 10 of 14
Pin
No.
Mnemonic
Type1
Description
11, 12
D[4:5]
DI/O
When MODE[1:0] = 0, 1, or 2, these pins are Bit 4 and Bit 5 of the parallel port data output bus.
or DIVSCLK[0:1]
When MODE[1:0] = 3 (serial mode), serial clock division selection. When using serial master read
after convert mode (EXT/INT = low, RDC/SDIN = low), these inputs can be used to slow down the
internally generated serial clock that clocks the data output. In other serial modes, these pins are
high impedance outputs.
13
D6
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 6 of the parallel port data output bus.
or EXT/INT
When MODE[1:0] = 3 (serial mode), serial clock source select. This input is used to select the
internally generated (master) or external (slave) serial data clock.
When EXT/INT = low, master mode. The internal serial clock is selected on SCLK output.
When EXT/INT = high, slave mode. The output data is synchronized to an external clock signal,
gated by CS, connected to the SCLK input.
14
D7
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 7 of the parallel port data output bus.
or INVSYNC
When MODE[1:0] = 3 (serial mode), invert sync select. In serial master mode (EXT/INT = low), this
input is used to select the active state of the SYNC signal.
When INVSYNC = low, SYNC is active high.
When INVSYNC = high, SYNC is active low.
15
D8
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 8 of the parallel port data output bus.
or INVSCLK
When MODE[1:0] = 3, invert SCLK select. In all serial modes, this input is used to
invert the SCLK signal.
16
D9
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as bit 9 of the parallel port data output bus.
or RDC
When MODE[1:0] = 3 (serial mode), read during convert. When using serial master mode
(EXT/INT = low), RDC is used to select the read mode.
When RDC = high, the previous conversion result is output on SDOUT during conversion and
the period of SCLK changes.
When RDC = low (read after convert), the current result can be output on SDOUT only when
the conversion is complete.
or SDIN
When MODE[1:0] = 3 (serial mode), serial data in. When using serial slave mode, (EXT/INT = high),
SDIN could be used as a data input to daisy-chain the conversion results from two or more ADCs
onto a single SDOUT line. The digital data level on SDIN is output on SDOUT with a delay of 18 SCLK
periods after the initiation of the read sequence.
17
OGND
P
Input/Output Interface Digital Power Ground.
18
OVDD
P
Input/Output Interface Digital Power. Nominally at the same supply as the supply of the
host interface (2.7 V to 5V).
19
DVDD
P
Digital Power. Nominally at 5 V.
20
DGND
P
Digital Power Ground.
21
D10
DO
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 10 of the parallel port data output bus.
or SDOUT
When MODE[1:0] = 3 (serial mode), serial data output. In serial mode, this pin is used as the serial
data output synchronized to SCLK. Conversion results are stored in an on-chip register. The ADC
provides the conversion result, MSB first, from its internal shift register. The data format is
determined by the logic level of OB/2C.
In master mode, EXT/INT = low. SDOUT is valid on both edges of SCLK.
In slave mode, EXT/INT = high:
When INVSCLK = low, SDOUT is updated on SCLK rising edge and valid on the next falling edge.
When INVSCLK = high, SDOUT is updated on SCLK falling edge and valid on the next rising edge.
22
D11
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 11 of the parallel port data output bus.
or SCLK
When MODE[1:0] = 3 (serial mode), serial clock. In all serial modes, this pin is used as the serial
data clock input or output, depending upon the logic state of the EXT/INT pin. The active edge
where the data SDOUT is updated depends on the logic state of the INVSCLK pin.
23
D12
DO
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 12 of the parallel port data output bus.
or SYNC
When MODE[1:0] = 3 (serial mode), frame synchronization. In serial master mode (EXT/INT= low),
this output is used as a digital output frame synchronization for use with the internal data clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com