Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP128 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP128
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP128 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP128 Datasheet HTML 1Page - NXP Semiconductors BSP128 Datasheet HTML 2Page - NXP Semiconductors BSP128 Datasheet HTML 3Page - NXP Semiconductors BSP128 Datasheet HTML 4Page - NXP Semiconductors BSP128 Datasheet HTML 5Page - NXP Semiconductors BSP128 Datasheet HTML 6Page - NXP Semiconductors BSP128 Datasheet HTML 7Page - NXP Semiconductors BSP128 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP128
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
V(BR)DSS
drain-source breakdown voltage
ID = 10 µA; VGS = 0
200
−−
V
IDSS
drain-source leakage current
VDS = 160 V; VGS = 0
−−
1
µA
±I
GSS
gate-source leakage current
±VGS = 20 V; VDS = 0
−−
100
nA
VGS(th)
gate-source threshold voltage
ID = 1 mA; VGS = VDS
0.4
−
1.8
V
RDS(on)
drain-source on-resistance
ID = 100 mA; VGS = 2.8 V
−
58
Ω
 Y
fs
transfer admittance
ID = 300 mA; VDS = 25 V
200
400
−
mS
Ciss
input capacitance
VDS = 25 V; VGS = 0; f = 1 MHz −
50
80
pF
Coss
output capacitance
VDS = 25 V; VGS = 0; f = 1 MHz −
20
30
pF
Crss
feedback capacitance
VDS = 25 V; VGS = 0; f = 1 MHz −
510
pF
Switching times (see Figs 2 and 3)
ton
turn-on time
ID = 250 mA; VDD = 50 V;
VGS = 0 to 10 V
−
510
ns
toff
turn-off time
ID = 250 mA; VDD = 50 V;
VGS = 0 to 10 V
−
20
30
ns
Fig.2 Switching times test circuit.
VDD =50V.
handbook, halfpage
MBB691
50
Ω
VDD = 50 V
ID
10 V
0 V
Fig.3 Input and output waveforms.
handbook, halfpage
MBB692
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com