Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF18A Datasheet(PDF) 3 Page - ON Semiconductor

Part # SMF18A
Description  Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF18A Datasheet(HTML) 3 Page - ON Semiconductor

  SMF18A Datasheet HTML 1Page - ON Semiconductor SMF18A Datasheet HTML 2Page - ON Semiconductor SMF18A Datasheet HTML 3Page - ON Semiconductor SMF18A Datasheet HTML 4Page - ON Semiconductor SMF18A Datasheet HTML 5Page - ON Semiconductor SMF18A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMF5.0AT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Device*
Marking
VRWM (V)
VBR @ IT (V) (Note 6)
IT
IR @ VRWM
VC(Max)
IPP(Max) (A)
(Note 5)
Min
Nom
Max
(mA)
(
mA)
(V)
(Note 7)
SMF5.0A, G
KE
5
6.4
6.7
7
10
400
9.2
21.7
SMF6.0A, G
KG
6
6.67
7.02
7.37
10
400
10.3
19.4
SMF6.5A, G
KK
6.5
7.22
7.6
7.98
10
250
11.2
17.9
SMF7.0A, G
KM
7
7.78
8.2
8.6
10
100
12
16.7
SMF7.5A, G
KP
7.5
8.33
8.77
9.21
1
50
12.9
15.5
SMF8.0A, G
KR
8
8.89
9.36
9.83
1
25
13.6
14.7
SMF8.5A, G
KT
8.5
9.44
9.92
10.4
1
10
14.4
13.9
SMF9.0A, G
KV
9
10
10.55
11.1
1
5
15.4
13.0
SMF10A, G
KX
10
11.1
11.7
12.3
1
2.5
17
11.8
SMF11A, G
KZ
11
12.2
12.85
13.5
1
2.5
18.2
11.0
SMF12A, G
LE
12
13.3
14
14.7
1
2.5
19.9
10.1
SMF13A, G
LG
13
14.4
15.15
15.9
1
1
21.5
9.3
SMF14A, G
LK
14
15.6
16.4
17.2
1
1
23.2
8.6
SMF15A, G
LM
15
16.7
17.6
18.5
1
1
24.4
8.2
SMF16A, G
LP
16
17.8
18.75
19.7
1
1
26
7.7
SMF17A, G
LR
17
18.9
19.9
20.9
1
1
27.6
7.2
SMF18A, G
LT
18
20
21
22.1
1
1
29.2
6.8
SMF20A, G
LV
20
22.2
23.35
24.5
1
1
32.4
6.2
SMF22A, G
LX
22
24.4
25.6
26.9
1
1
35.5
5.6
SMF24A, G
LZ
24
26.7
28.1
29.5
1
1
38.9
5.1
SMF26A, G
ME
26
28.9
30.4
31.9
1
1
42.1
4.8
SMF28A, G
MG
28
31.1
32.8
34.4
1
1
45.4
4.4
SMF30A, G
MK
30
33.3
35.1
36.8
1
1
48.4
4.1
SMF33A, G
MM
33
36.7
38.7
40.6
1
1
53.3
3.8
SMF36A, G
MP
36
40
42.1
44.2
1
1
58.1
3.4
SMF40A, G
MR
40
44.4
46.8
49.1
1
1
64.5
3.1
SMF43A, G
MT
43
47.8
50.3
52.8
1
1
69.4
2.9
SMF45A, G
MV
45
50
52.65
55.3
1
1
72.7
2.8
SMF48A, G
MX
48
53.3
56.1
58.9
1
1
77.4
2.6
SMF51A, G
MZ
51
56.7
59.7
62.7
1
1
82.4
2.4
SMF54A, G
NE
54
60
63.15
66.3
1
1
87.1
2.3
SMF58A, G
NG
58
64.4
67.8
71.2
1
1
93.6
2.1
SMF60A, G
NK
60
66.7
70.2
73.7
1
1
96.8
1.8
SMF64A, G
NM
64
71.1
74.85
78.6
1
1
103
1.7
SMF70A, G
NP
70
77.8
81.9
86
1
1
113
1.5
SMF75A, G
NR
75
83.3
87.7
92.1
1
1
121
1.4
SMF78A, G
NT
78
86.7
91.25
95.8
1
1
126
1.4
SMF85A, G
NV
85
94.4
99.2
104
1
1
137
1.3
SMF90A, G
NX
90
100
105.5
111
1
1
146
1.2
SMF100A, G
NZ
100
111
117
123
1
1
162
1.1
SMF110A, G
PE
110
122
128.5
135
1
1
177
1.0
SMF120A, G
PG
120
133
140
147
1
1
193
0.9
SMF130A, G
PK
130
144
151.5
159
1
1
209
0.8
SMF150A, G
PM
150
167
176
185
1
1
243
0.7
SMF160A, G
PP
160
178
187.5
197
1
1
259
0.7
SMF170A, G
PR
170
189
199
209
1
1
275
0.6
5. A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or greater
than the DC or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at ambient temperature of 25°C.
7. Surge current waveform per Figure 2 and derate per Figure 3.
*The “G’’ suffix indicates Pb−Free package available.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com