Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP502 Datasheet(PDF) 2 Page - Gennum Corporation

Part # LP502
Description  Low Distortion AGC Compression Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LP502 Datasheet(HTML) 2 Page - Gennum Corporation

  LP502 Datasheet HTML 1Page - Gennum Corporation LP502 Datasheet HTML 2Page - Gennum Corporation LP502 Datasheet HTML 3Page - Gennum Corporation LP502 Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HP2802-1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
3 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to 50° C
Storage Temperature Range
-20
°C to 70° C
CAUTION
CLASS 1 ESD SENSITIVITY
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain
AV
VOUT = 11.0 mV,
38
41
46
dB
Output Level
VOHIGH
VIN = 6.32 mV, S1 closed
7.5
12
15.5
mV
Distortion -Linear
THD
VOUT = 11.0 mV
-
1
2.9
%
- AGC
VIN = 6.32mV, S1 closed
-
1
2.2
%
Input Referred Noise
IRN
S2 closed,NFB 0.2 to 10 kHz at 12 dB/Oct
-
1.2
2.2
µV
Compression Function Ratio
VIN = 0.1 to 6.32 mV, S1 closed
2
5
8
dB
Total Amplifier Current
IAMP
160
310
380
µA
Regulated Voltage
VREG
0.890
0.940
0.990
VDC
Supply Rejection
PSRR
51
60
-
dB
ELECTRICAL CHARACTERISTICS
Conditions: Frequency = 1 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 VDC
PIN CONNECTION
1
4
5
8
AGC FILTER
AGC IN
VB
GND
GAIN SET
A OUT
VREG
20 Log (
)
VOUT
VIN
All parameters and switches remain as shown in Test Circuit unless otherwise stated in "Conditions" column
Fig. 1 Test Circuit
All resistors in ohms, all capacitors in microfarads unless otherwise stated
A IN
VOLTAGE
REGULATOR
AMP
FULL WAVE
RECTIFIER
C2
1.0
R
M
33K
V
IN
R
S= 3.5k
C1
0.47
S2
RGT
130k
C3
1.0
C4
0.1
S1
R
L
10K
V
OUT
V
B= 1.3 VDC
ITOT
7
2
1
8
5
6
3
4
R
TH
0
Ω
C5
1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com