Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP206 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BSP206
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP206 Datasheet(HTML) 5 Page - NXP Semiconductors

  BSP206 Datasheet HTML 1Page - NXP Semiconductors BSP206 Datasheet HTML 2Page - NXP Semiconductors BSP206 Datasheet HTML 3Page - NXP Semiconductors BSP206 Datasheet HTML 4Page - NXP Semiconductors BSP206 Datasheet HTML 5Page - NXP Semiconductors BSP206 Datasheet HTML 6Page - NXP Semiconductors BSP206 Datasheet HTML 7Page - NXP Semiconductors BSP206 Datasheet HTML 8Page - NXP Semiconductors BSP206 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 1995
5
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP206
Fig.6
Output characteristics; Tj =25° C; typical
values.
handbook, halfpage
0
−10
−1
0
−0.2
−0.4
−0.6
−0.8
−2
−4
−6
ID
(A)
−8
MDA758
VDS (V)
VGS = −10 V
−7.5 V
−6 V
−5 V
−4.5 V
Fig.7 Power derating curve.
handbook,
0
50
100
200
2
0
1.6
150
1.2
0.8
0.4
MBB693
Ptot
(W)
Tamb (°C)
Fig.8
at
−200 mA/−10 V; typical values
k
R
DS(on) at Tj
R
DS(on) at 25 ° C
-----------------------------------------
;
=
handbook, halfpage
−50
0
50
k
Tj (°C)
150
3
0.5
2.5
100
2
1.5
1
MDA759
Fig.9
−VGS(th) at −1 mA; typical values.
k
V
–
GS (th) at Tj
V
–
GS (th) at 25 ° C
----------------------------------------------
;
=
handbook, halfpage
−50
0
50
k
Tj (°C)
150
1.2
0.7
1.1
100
1
0.9
0.8
MDA760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com