Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTL2007PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # GTL2007PW
Description  13-bit GTL to LVTTL translator with power good control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2007PW Datasheet(HTML) 1 Page - NXP Semiconductors

  GTL2007PW Datasheet HTML 1Page - NXP Semiconductors GTL2007PW Datasheet HTML 2Page - NXP Semiconductors GTL2007PW Datasheet HTML 3Page - NXP Semiconductors GTL2007PW Datasheet HTML 4Page - NXP Semiconductors GTL2007PW Datasheet HTML 5Page - NXP Semiconductors GTL2007PW Datasheet HTML 6Page - NXP Semiconductors GTL2007PW Datasheet HTML 7Page - NXP Semiconductors GTL2007PW Datasheet HTML 8Page - NXP Semiconductors GTL2007PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The GTL2007 is a customized translator between dual Xeon processors, Platform Health
Management, South Bridge and Power Supply LVTTL and GTL signals.
The GTL2007 is derived from the GTL2006 with an enable function added that disables
the error output to the monitoring agent for platforms that monitor the individual error
conditions from each processor. This enable function can be used so that false error
conditions are not passed to the monitoring agent when the system is unexpectedly
powered down. This unexpected power-down could be from a power supply overload, a
CPU thermal trip, or some other event of which the monitoring agent is unaware.
A typical implementation would be to connect each enable line to the system power good
signal or the individual enables to the VRD power good for each processor.
The Nocona and Dempsey/Blackford Xeon processors specify a VTT of 1.2 V and 1.1 V,
as well as a nominal Vref of 0.76 V and 0.73 V respectively. To allow for future voltage level
changes that may extend Vref to 0.63 of VTT (minimum of 0.693 V with VTT of 1.1 V) the
GTL2009 allows a minimum Vref of 0.66 V. Characterization results show that there is little
DC or AC performance variation between these levels.
The GTL2007 is the companion chip to the GTL2009 3-bit GTL Front-Side Bus frequency
comparator that is used in dual-processor Xeon applications.
2.
Features
s Operates as a GTL to LVTTL sampling receiver or LVTTL to GTL driver
s 3.0 V to 3.6 V operation
s LVTTL I/O not 5 V tolerant
s Series termination on the LVTTL outputs of 30
Ω
s ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
s Latch-up testing is done to JEDEC Standard JESD78 which exceeds 500 mA
s Package offered: TSSOP28
GTL2007
13-bit GTL to LVTTL translator with power good control
Rev. 01 — 2 June 2005
Product data sheet


Similar Part No. - GTL2007PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2007PW NXP-GTL2007PW Datasheet
120Kb / 20P
12-bit GTL to LVTTL translator with power good control
Rev. 02-16 February 2007
More results

Similar Description - GTL2007PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL2008 PHILIPS-GTL2008 Datasheet
116Kb / 20P
12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Rev. 02-26 September 2006
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2007 NXP-GTL2007 Datasheet
120Kb / 20P
12-bit GTL to LVTTL translator with power good control
Rev. 02-16 February 2007
GTL2008 NXP-GTL2008 Datasheet
201Kb / 22P
12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Rev. 04-19 February 2010
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com