Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMI15/4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # KMI15/4
Description  Rotational speed sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15/4 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button KMI15/4 Datasheet HTML 2Page - NXP Semiconductors KMI15/4 Datasheet HTML 3Page - NXP Semiconductors KMI15/4 Datasheet HTML 4Page - NXP Semiconductors KMI15/4 Datasheet HTML 5Page - NXP Semiconductors KMI15/4 Datasheet HTML 6Page - NXP Semiconductors KMI15/4 Datasheet HTML 7Page - NXP Semiconductors KMI15/4 Datasheet HTML 8Page - NXP Semiconductors KMI15/4 Datasheet HTML 9Page - NXP Semiconductors KMI15/4 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Sep 05
6
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
Fig.6 Output signal as a function of time.
handbook, halfpage
I CC
t
T
t p
MRA960
14 mA
7 mA
δ
t
p
T
----
100%
×
=
Fig.7 Test and application circuit.
MRA961
V
C
R
SENSOR
GND
CC
I CC
L
L
V
APPLICATION INFORMATION
Fig.8
Output current levels as functions of
ambient temperature; typical values.
handbook, halfpage
12
10
16
4
14
8
6
(mA)
50
0
50
100
150
200
VCC = 12 V
VCC = 8 V
VCC = 20 V
VCC = 12 V
VCC = 8 V
VCC = 20 V
I
MRA967
Tamb (
oC)
ICC
CC(high)
ICC(low)
Fig.9
Output current switching times as functions
of ambient temperature; typical values.
handbook, halfpage
0
50
100
150
200
0.6
0.4
0.2
1
0
0.8
t f
t r
t f
t r
ICC
t
MRA968
t
(s)
Tamb ( C)
o
µ
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com