Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1504CBS Datasheet(PDF) 73 Page - NXP Semiconductors

Part # ISP1504CBS
Description  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1504CBS Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button ISP1504CBS Datasheet HTML 69Page - NXP Semiconductors ISP1504CBS Datasheet HTML 70Page - NXP Semiconductors ISP1504CBS Datasheet HTML 71Page - NXP Semiconductors ISP1504CBS Datasheet HTML 72Page - NXP Semiconductors ISP1504CBS Datasheet HTML 73Page - NXP Semiconductors ISP1504CBS Datasheet HTML 74Page - NXP Semiconductors ISP1504CBS Datasheet HTML 75Page - NXP Semiconductors ISP1504CBS Datasheet HTML 76Page - NXP Semiconductors ISP1504CBS Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
(1) Frequency is version dependent: ISP1504ABS: 19.2 MHz; ISP1504CBS: 26 MHz.
Fig 37. Using the ISP1504 with a standard USB Peripheral Controller; external crystal
ISP1504
DATA0
VCC(I/O)
RREF
DM
DP
FAULT
ID
CPGND
C_B
C_A
VCC
PSW_N
DATA1
DATA2
VCC(I/O)
CHIP_
SELECT_N
DATA3
CLOCK
DATA4
DATA5
DATA6
DATA7
VCC(I/O)
NXT
12
11
10
9
8
7
6
5
4
3
2
1
21
22
23
24
25
26
27
28
29
30
31
32
004aaa687
VBUS
REG3V3
XTAL1
XTAL2
16
15
14
13
STP
DIR
REG1V8
RESET_N
17
18
19
20
PERIPHERAL
CONTROLLER
USB
STANDARD-B
RECEPTACLE
VBUS
D
−
D+
GND
4
3
2
1
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
CLOCK
NXT
STP
DIR
RESET_N
(optional)
VCC(I/O)
VCC
GND (die pad)
CHIP_SELECT_N
(optional)
Cbypass
Cbypass
Cbypass
Cfilter
CXTAL
CXTAL
Cbypass
Cfilter
RRREF
CVBUS
5
6
7
8
SHIELD
SHIELD
SHIELD
SHIELD
RVBUS
Cbypass
Cbypass
IP4059CX5/LF
B2
C1
A1
A3 C3
XTAL(1)
DESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com