Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2378 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2378
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2378 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2378 Datasheet HTML 9Page - NXP Semiconductors LPC2378 Datasheet HTML 10Page - NXP Semiconductors LPC2378 Datasheet HTML 11Page - NXP Semiconductors LPC2378 Datasheet HTML 12Page - NXP Semiconductors LPC2378 Datasheet HTML 13Page - NXP Semiconductors LPC2378 Datasheet HTML 14Page - NXP Semiconductors LPC2378 Datasheet HTML 15Page - NXP Semiconductors LPC2378 Datasheet HTML 16Page - NXP Semiconductors LPC2378 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
LPC2378_1
© NXP B.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 December 2006
13 of 54
NXP Semiconductors
LPC2378
Fast communication chip
P4[9]/A9
91[1]
I/O
P4[9] — General purpose digital input/output pin.
I/O
A9 — External memory address line 9.
P4[10]/A10
94[1]
I/O
P4[10] — General purpose digital input/output pin.
I/O
A10 — External memory address line 10.
P4[11]/A11
101[1]
I/O
P4[11] — General purpose digital input/output pin.
I/O
A11 — External memory address line 11.
P4[12]/A12
104[1]
I/O
P4[12] — General purpose digital input/output pin.
I/O
A12 — External memory address line 12.
P4[13]/A13
108[1]
I/O
P4[13] — General purpose digital input/output pin.
I/O
A13 — External memory address line 13.
P4[14]/A14
110[1]
I/O
P4[14] — General purpose digital input/output pin.
I/O
A14 — External memory address line 14.
P4[15]/A15
120[1]
I/O
P4[15] — General purpose digital input/output pin.
I/O
A15 — External memory address line 15.
P4[24]/OE
127[1]
I/O
P4[24] — General purpose digital input/output pin.
O
OE — LOW active Output Enable signal.
P4[25]/WE
124[1]
I/O
P4[25] — General purpose digital input/output pin.
O
WE — LOW active Write Enable signal.
P4[28]/MAT2[0]/
TXD3
118[1]
I/O
P4 [28] — General purpose digital input/output pin.
O
MAT2[0] — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4[29]/MAT2[1]/
RXD3
122[1]
I/O
P4[29] — General purpose digital input/output pin.
O
MAT2[1] — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
P4[30]/CS0
130[1]
I/O
P4[30] — General purpose digital input/output pin.
O
CS0 — LOW active Chip Select 0 signal.
P4[31]/CS1
134[1]
I/O
P4[31] — General purpose digital input/output pin.
O
CS1 — LOW active Chip Select 1 signal.
ALARM
26[8]
O
ALARM — RTC controlled output. This is a 1.8 V pin. It goes HIGH when a RTC
alarm is generated.
USB_D
−2
37
I/O
USB_D
−2 — USB2 port bidirectional D− line.
DBGEN
6[1]
I
DBGEN — JTAG interface control signal. Also used for boundary scanning.
TDO
1[1]
O
TDO — Test Data out for JTAG interface.
TDI
3[1]
I
TDI — Test Data in for JTAG interface.
TMS
4[1]
I
TMS — Test Mode Select for JTAG interface.
TRST
5[1]
I
TRST — Test Reset for JTAG interface.
TCK
7[1]
I
TCK — Test Clock for JTAG interface.
RTCK
143[1]
I/O
RTCK — JTAG interface control signal.
Note: LOW on this pin while RESET is LOW enables ETM pins (P2[9:0]) to operate
as Trace port after reset.
RSTOUT
20[1]
O
RSTOUT — This is a 1.8 V pin. LOW on this pin indicates LPC2378 being in Reset
state.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com