Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC778 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P87LPC778 Datasheet HTML 28Page - NXP Semiconductors P87LPC778 Datasheet HTML 29Page - NXP Semiconductors P87LPC778 Datasheet HTML 30Page - NXP Semiconductors P87LPC778 Datasheet HTML 31Page - NXP Semiconductors P87LPC778 Datasheet HTML 32Page - NXP Semiconductors P87LPC778 Datasheet HTML 33Page - NXP Semiconductors P87LPC778 Datasheet HTML 34Page - NXP Semiconductors P87LPC778 Datasheet HTML 35Page - NXP Semiconductors P87LPC778 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
32 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.8 Interrupts
The P87LPC778 uses a four priority level interrupt structure. This allows great
flexibility in controlling the handling of the P87LPC778’s many interrupt sources. The
P87LPC778 supports up to 13 interrupt sources.
Each interrupt source can be individually enabled or disabled by setting or clearing a
bit in registers IEN0 or IEN1. The IEN0 register also contains a global disable bit, EA,
which disables all interrupts at once.
Each interrupt source can be individually programmed to one of four priority levels by
setting or clearing bits in the IP0, IP0H, IP1, and IP1H registers. An interrupt service
routine in progress can be interrupted by a higher priority interrupt, but not by another
interrupt of the same or lower priority. The highest priority interrupt service cannot be
interrupted by any other interrupt source. So, if two requests of different priority levels
are received simultaneously, the request of higher priority level is serviced.
If requests of the same priority level are received simultaneously, an internal polling
sequence determines which request is serviced. This is called the arbitration ranking.
Note that the arbitration ranking is only used to resolve simultaneous requests of the
same priority level.
Table 29:
Interaction of TIRUN with SLAVEN, MASTRQ, and MASTER
SLAVEN,
MASTRQ,
MASTER
TIRUN
OPERATING MODE
All 0
0
The I2C-bus interface is disabled. Timer I is cleared and
does not run. This is the state assumed after a reset. If
an I2C-bus application wants to ignore the I2C-bus at
certain times, it should write SLAVEN, MASTRQ, and
TIRUN all to zero.
All 0
1
The I2C-bus interface is disabled.
Any or all 1
0
The I2C-bus interface is enabled. The 3 low-order bits
of Timer I run for min-time generation, but the hi-order
bits do not, so that there is no checking for I2C-bus
being ‘hung.’ This configuration can be used for very
slow I2C-bus operation.
Any or all 1
1
The I2C-bus interface is enabled. Timer I runs during
frames on the I2C-bus, and is cleared by transitions on
SCL, and by Start and Stop conditions. This is the
normal state for I2C-bus operation.
Table 30:
CT1, CT0 values
CT1, CT0
Min Time Count
(Machine Cycles)
CPU Clock Max
(for 100 kHz I2C-bus)
Timeout Period
(Machine Cycles)
1 0
7
8.4 MHz
1023
0 1
6
7.2 MHz
1022
0 0
5
6.0 MHz
1021
1 1
4
4.8 MHz
1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com