Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9401 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P89LPC9401
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9401 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P89LPC9401 Datasheet HTML 13Page - NXP Semiconductors P89LPC9401 Datasheet HTML 14Page - NXP Semiconductors P89LPC9401 Datasheet HTML 15Page - NXP Semiconductors P89LPC9401 Datasheet HTML 16Page - NXP Semiconductors P89LPC9401 Datasheet HTML 17Page - NXP Semiconductors P89LPC9401 Datasheet HTML 18Page - NXP Semiconductors P89LPC9401 Datasheet HTML 19Page - NXP Semiconductors P89LPC9401 Datasheet HTML 20Page - NXP Semiconductors P89LPC9401 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
P89LPC9401_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 September 2005
17 of 59
Philips Semiconductors
P89LPC9401
8-bit two-clock 80C51 microcontroller with 32 segment
× 4 LCD driver
7.3.6 Clock output
The P89LPC9401 supports a user-selectable clock output function on the
XTAL2/CLKOUT pin when crystal oscillator is not being used. This condition occurs if
another clock source has been selected (on-chip RC oscillator, watchdog oscillator,
external clock input on X1) and if the RTC is not using the crystal oscillator as its clock
source. This allows external devices to synchronize to the P89LPC9401. This output is
enabled by the ENCLK bit in the TRIM register.
The frequency of this clock output is 1
⁄
2 that of the CCLK. If the clock output is not needed
in Idle mode, it may be turned off prior to entering idle, saving additional power.
7.4 On-chip RC oscillator option
The P89LPC9401 has a 6-bit TRIM register that can be used to tune the frequency of the
RC oscillator. During reset, the TRIM value is initialized to a factory preprogrammed value
to adjust the oscillator frequency to 7.373 MHz
± 1 % at room temperature. End-user
applications can write to the TRIM register to adjust the on-chip RC oscillator to other
frequencies.
7.5 Watchdog oscillator option
The watchdog has a separate oscillator which has a frequency of 400 kHz. This oscillator
can be used to save power when a high clock frequency is not needed.
7.6 External clock input option
In this configuration, the processor clock is derived from an external source driving the
XTAL1/P3.1 pin. The rate may be from 0 Hz up to 18 MHz. The XTAL2/P3.0 pin may be
used as a standard port pin or a clock output. When using an oscillator frequency
above 12 MHz, the reset input function of P1.5 must be enabled. An external circuit
is required to hold the device in reset at power-up until VDD has reached its
specified level. When system power is removed VDD will fall below the minimum
specified operating voltage. When using an oscillator frequency above 12 MHz, in
some applications, an external brownout detect circuit may be required to hold the
device in reset when VDD falls below the minimum specified operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com