Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC764FD Datasheet(PDF) 35 Page - NXP Semiconductors

Part # P87LPC764FD
Description  Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC764FD Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button P87LPC764FD Datasheet HTML 31Page - NXP Semiconductors P87LPC764FD Datasheet HTML 32Page - NXP Semiconductors P87LPC764FD Datasheet HTML 33Page - NXP Semiconductors P87LPC764FD Datasheet HTML 34Page - NXP Semiconductors P87LPC764FD Datasheet HTML 35Page - NXP Semiconductors P87LPC764FD Datasheet HTML 36Page - NXP Semiconductors P87LPC764FD Datasheet HTML 37Page - NXP Semiconductors P87LPC764FD Datasheet HTML 38Page - NXP Semiconductors P87LPC764FD Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Philips Semiconductors
Product data
P87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2003 Sep 03
34
Table 10. Baud Rates, Timer Values, and CPU Clock Frequencies for SMOD1 = 1
Timer Co nt
Baud Rate
Timer Count
2400
4800
9600
19.2k
38.4k
57.6k
115.2k
–1
0.2304
0.4608
0.9216
* 1.8432
* 3.6864
5.5296
* 11.0592
–2
0.4608
0.9216
* 1.8432
* 3.6864
* 7.3728
* 11.0592
–
–3
0.6912
1.3824
2.7648
5.5296
* 11.0592
16.5888
–
–4
0.9216
* 1.8432
* 3.6864
* 7.3728
* 14.7456
–
–
–5
1.1520
2.3040
4.6080
9.2160
* 18.4320
–
–
–6
1.3824
2.7648
5.5296
* 11.0592
–
–
–
–7
1.6128
3.2256
6.4512
12.9024
–
–
–
–8
* 1.8432
* 3.6864
* 7.3728
* 14.7456
–
–
–
–9
2.0736
4.1472
8.2944
16.5888
–
–
–
–10
2.3040
4.6080
9.2160
* 18.4320
–
–
–
–11
2.5344
5.0688
10.1376
–
–
–
–
–12
2.7648
5.5296
* 11.0592
–
–
–
–
–13
2.9952
5.9904
11.9808
–
–
–
–
–14
3.2256
6.4512
12.9024
–
–
–
–
–15
3.4560
6.9120
13.8240
–
–
–
–
–16
* 3.6864
* 7.3728
* 14.7456
–
–
–
–
–17
3.9168
7.8336
15.6672
–
–
–
–
–18
4.1472
8.2944
16.5888
–
–
–
–
–19
4.3776
8.7552
17.5104
–
–
–
–
–20
4.6080
9.2160
* 18.4320
–
–
–
–
–21
4.8384
9.6768
19.3536
–
–
–
–
NOTES TO TABLES 9 AND 10:
1. Tables 6 and 7 apply to UART modes 1 and 3 (variable rate modes), and show CPU clock rates in MHz for standard baud rates from 2400 to
115.2k baud.
2. Table 6 shows timer settings and CPU clock rates with the SMOD1 bit in the PCON register = 0 (the default after reset), while Table 7
reflects the SMOD1 bit = 1.
3. The tables show all potential CPU clock frequencies up to 20 MHz that may be used for baud rates from 9600 baud to 115.2k baud. Other
CPU clock frequencies that would give only lower baud rates are not shown.
4. Table entries marked with an asterisk (*) indicate standard crystal and ceramic resonator frequencies that may be obtained from many
sources without special ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com