Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9509D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9509D
Description  Level translating I2C-bus/SMBus repeater
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9509D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9509D Datasheet HTML 1Page - NXP Semiconductors PCA9509D Datasheet HTML 2Page - NXP Semiconductors PCA9509D Datasheet HTML 3Page - NXP Semiconductors PCA9509D Datasheet HTML 4Page - NXP Semiconductors PCA9509D Datasheet HTML 5Page - NXP Semiconductors PCA9509D Datasheet HTML 6Page - NXP Semiconductors PCA9509D Datasheet HTML 7Page - NXP Semiconductors PCA9509D Datasheet HTML 8Page - NXP Semiconductors PCA9509D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PCA9509_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 27 June 2006
2 of 16
Philips Semiconductors
PCA9509
Level translating I2C-bus/SMBus repeater
I 0 Hz to 400 kHz clock frequency
Remark: The maximum system operating frequency may be less than 400 kHz
because of the delays added by the repeater.
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: TSSOP8, SO8
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9509DP
9509
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
PCA9509D
PCA9509
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
Fig 1.
Functional diagram of PCA9509
002aac125
VCC(A)
PCA9509
A1
A2
EN
B1
B2
VCC(A)
VCC(B)
GND
1 mA
VCC(A)
1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com