Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9671D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9671D
Description  Remote 16-bit I/O expander for Fm I2C-bus with reset
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9671D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9671D Datasheet HTML 15Page - NXP Semiconductors PCA9671D Datasheet HTML 16Page - NXP Semiconductors PCA9671D Datasheet HTML 17Page - NXP Semiconductors PCA9671D Datasheet HTML 18Page - NXP Semiconductors PCA9671D Datasheet HTML 19Page - NXP Semiconductors PCA9671D Datasheet HTML 20Page - NXP Semiconductors PCA9671D Datasheet HTML 21Page - NXP Semiconductors PCA9671D Datasheet HTML 22Page - NXP Semiconductors PCA9671D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
PCA9671_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 December 2006
19 of 34
NXP Semiconductors
PCA9671
Remote 16-bit I/O expander for Fm+ I2C-bus with reset
10.2 High current-drive load applications
The GPIO has a maximum sinking current of 25 mA per bit. In applications requiring
additional drive, two port pins in the same octal may be connected together to sink up to
50 mA current. Both bits must then always be turned on or off together. Up to 8 pins (one
octal) can be connected together to drive 200 mA.
11. Limiting values
[1]
Total package (maximum) output current is 600 mA.
Fig 24. High current-drive load application
002aac254
VDD
P00
P01
P02
P03
P04
P05
P06
P07
VDD
SDA
SCL
RESET
A0
A1
A2
CORE
PROCESSOR
VDD
LOAD
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6
V
IDD
supply current
-
±100
mA
ISS
ground supply current
-
±600
mA
VI
input voltage
VSS − 0.5
5.5
V
II
input current
-
±20
mA
IO
output current
-
±50[1]
mA
Ptot
total power dissipation
-
600
mW
P/out
power dissipation per output
-
200
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com