Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9698DGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9698DGG
Description  40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9698DGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9698DGG Datasheet HTML 5Page - NXP Semiconductors PCA9698DGG Datasheet HTML 6Page - NXP Semiconductors PCA9698DGG Datasheet HTML 7Page - NXP Semiconductors PCA9698DGG Datasheet HTML 8Page - NXP Semiconductors PCA9698DGG Datasheet HTML 9Page - NXP Semiconductors PCA9698DGG Datasheet HTML 10Page - NXP Semiconductors PCA9698DGG Datasheet HTML 11Page - NXP Semiconductors PCA9698DGG Datasheet HTML 12Page - NXP Semiconductors PCA9698DGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
PCA9698_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 19 July 2006
9 of 47
Philips Semiconductors
PCA9698
40-bit Fm+ I2C-bus advanced I/O port with RESET, OE and INT
7.3.1 5-bank register category
• IP – Input registers
• OP – Output registers
• PI – Polarity Inversion registers
• IOC – I/O Configuration registers
• MSK – Mask interrupt registers
If the Auto-Increment flag is set (AI = 1), the 3 least significant bits are automatically
incremented after a read or write. This allows the user to program and/or read the
5 register banks sequentially.
If more than 5 bytes of data are written and AI = 1, previous data in the selected registers
will be overwritten or reread. Reserved registers are skipped and not accessed (refer to
Table 3).
If the Auto-Increment flag is cleared (AI = 0), the 3 least significant bits are not
incremented after data is read or written, only one register will be repeatedly read or
written.
7.3.2 1-bank register category
• OUTCONF – Output Structure Configuration register
• ALLBNK – All Bank Control register
• MODE – Mode Selection register
If more than 1 byte of data is written or read, previous data in the same register is
overwritten independently of the value of AI.
7.4 Register definitions
Table 3.
Register summary
Reg #
D5
D4
D3
D2
D1
D0
Name
Type
Function
Input Port registers
00h
000000IP0
read only
Input Port register bank 0
01h
000001IP1
read only
Input Port register bank 1
02h
000010IP2
read only
Input Port register bank 2
03h
000011IP3
read only
Input Port register bank 3
04h
000100IP4
read only
Input Port register bank 4
05h
000101-
-
reserved for future use
06h
000110-
-
reserved for future use
07h
000111-
-
reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com