Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK940L Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK940L
Description  Low voltage 1 : 18 clock distribution chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK940L Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK940L Datasheet HTML 1Page - NXP Semiconductors PCK940L Datasheet HTML 2Page - NXP Semiconductors PCK940L Datasheet HTML 3Page - NXP Semiconductors PCK940L Datasheet HTML 4Page - NXP Semiconductors PCK940L Datasheet HTML 5Page - NXP Semiconductors PCK940L Datasheet HTML 6Page - NXP Semiconductors PCK940L Datasheet HTML 7Page - NXP Semiconductors PCK940L Datasheet HTML 8Page - NXP Semiconductors PCK940L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The PCK940L is a 1 : 18 low voltage clock distribution chip with 2.5 V or 3.3 V LVCMOS
output capabilities. The device features the capability to select either a differential
LVPECL or an LVCMOS compatible input. The 18 outputs are 2.5 V or 3.3 V LVCMOS
compatible and feature the drive strength to drive 50
Ω series or parallel terminated
transmission lines. With output-to-output skews of 150 ps, the PCK940L is ideal as a clock
distribution chip for the most demanding of synchronous systems. The 2.5 V outputs also
make the device ideal for supplying clocks for a high performance microprocessor based
design.
With a low output impedance of approximately 20
Ω, in both the HIGH and LOW logic
states, the output buffers of the PCK940L are ideal for driving series terminated
transmission lines. With an output impedance of 20
Ω, the PCK940L has the capability of
driving two series terminated transmission lines from each output. This gives the
PCK940L an effective fan-out of 1 : 36. If a lower output impedance is desired, please see
the PCK942C data sheet.
The differential LVPECL inputs of the PCK940L allow the device to interface directly with a
LVPECL fan-out buffer like the PCKEP111 to build very wide clock fan-out trees or to
couple to a high frequency clock source. The LVCMOS input provides a more standard
interface for applications requiring only a single clock distribution chip at relatively low
frequencies. In addition, the two clock sources can be used to provide for a test clock
interface as well as the primary system clock. A logic HIGH on the LVCMOS_CLKSEL pin
will select the LVCMOS level clock input. All inputs of the PCK940L have internal
pull-up/pull-down resistors so they can be left open if unused.
The PCK940L is a single or dual supply device. The device power supply offers a high
degree of flexibility. The device can operate with a 3.3 V core and 3.3 V output, a 3.3 V
core and 2.5 V outputs, as well as a 2.5 V core and 2.5 V outputs. The 32-lead LQFP
package was chosen to optimize performance, board space and cost of the device. The
32-lead LQFP package has a 7 mm
× 7 mm body size with a conservative 0.8 mm pin
spacing.
2.
Features
I LVPECL or LVCMOS clock input
I 2.5 V LVCMOS outputs for Pentium II microprocessor support
I 150 ps maximum output-to-output skew
I Maximum output frequency of 250 MHz at 3.3 V VCC
I 32-lead LQFP packaging
PCK940L
Low voltage 1 : 18 clock distribution chip
Rev. 01 — 4 April 2006
Product data sheet


Similar Part No. - PCK940L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK942C NXP-PCK942C Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942CBD NXP-PCK942CBD Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
PCK942PBD NXP-PCK942PBD Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
More results

Similar Description - PCK940L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com