Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS7231 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7231
Description  TOUCH CONTROL LAMP DIMMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7231 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7231 Datasheet HTML 1Page - LSI Computer Systems LS7231 Datasheet HTML 2Page - LSI Computer Systems LS7231 Datasheet HTML 3Page - LSI Computer Systems LS7231 Datasheet HTML 4Page - LSI Computer Systems LS7231 Datasheet HTML 5Page - LSI Computer Systems LS7231 Datasheet HTML 6Page - LSI Computer Systems LS7231 Datasheet HTML 7Page - LSI Computer Systems LS7231 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TABLE 1
TOUCH TYPE
SHORT (TS1 Duration)
LONG (TS2 Duration)
PRE-TOUCH
POST-TOUCH
PRE-TOUCH
POST-TOUCH
Ø
Ø
Ø
Ø
Off
Max
Off
Starts varying at Min
Max
Off
Max
Starts varying at Max
Intermediate
Off
Intermediate
Starts varying at
Pre-Touch brightness
Off
Memory
Off
Starts varying at
(Note 1)
Memory (Note 2)
Max
Off
Max
Starts varying at Max
Intermediate
Off
Intermediate
Starts varying at
Pre-Touch brightness
Off
Max
Off
Starts varying at Min
Max
Off
Max
Starts varying at Max
Intermediate
Off
Intermediate
Starts varying at
Pre-Touch brightness
Off
Memory
Off
Starts varying at
(Note 1)
Memory (Note 2)
Max
Off
Max
Starts varying at Max
Intermediate
Off
Intermediate
Starts varying at
Pre-Touch brightness
SYNC (Pin 4)
The AC Line Frequency is applied to this input through an
external RC circuit (See Figure 5). The Phase-Lock Loop
in the IC synchronizes all internal timings to the AC signal
at the SYNC input.
SENS (Pin 5)
A low level activates this input (See Table 1) which con-
trols the turn-on, turn-off and conduction angle Ø (See-
Figure 3) of the TRIG signal with respect to the SYNC in-
put.
EXT (Pin 6)
The EXT input is functionally identical to the SENS input
except that a high level activates this input. It is rec-
ommended that the EXT input be used instead of the
SENS input when long extension wires are employed be-
tween the IC and the Sensing Circuitry (See Figure 5 and
Figure 6) because the EXT input is less susceptible to
“Noise”.
VDD (Pin 4)
Supply voltage negative terminal.
TRIG (Pin 8)
The TRIG output is a low level pulse occurring once every
half-cycle of the SYNC input. The conduction angle, Ø, of the
output in relation to the SYNC signal controls the lamp bright-
ness.
In continuous dimming operation (i.e. when the SENS input is
continuously held low) the TRIG conduction angle, Ø, sweeps
up and down between 41˚ and 158˚ continuously. The time vs
Ø curve is not linear (See Figure 2). Between two maxima on
this curve, there are 4 discontinuous points labeled A1, B1,
B2, A2. The discontinuities are as follows:
1. From maximum to A1. In this region, Ø is changed by
equal increments (
∆ø) for every 2 SYNC clocks.
2. From A1 to B1. In this region, the increments (
∆ø) take
place for every 4 SYNC clocks.
3. From B1 to B2. In this region Ø is held at a constant
level (
∆ø = 0).
4. From B2 to A2. Same as 2.
5. From A2 to Max. Same as 1.
The slower rate of change in ø over A1B1B2A2 region is to
accommodate for eye adjustment at lower light intensity.
The functional differences of different versions of the light dimmer ICs are explained in Table 1 and the TRIG
output conduction angle diagrams in Figure 2.
PART
NUMBER
LS7231
LS7232
LS7233
LS7234
DIMMING
DIRECTION
REVERSAL
(Note 3)
N/A
N/A
NO
YES
N/A
YES
N/A
N/A
YES
NO
N/A
NO
NOTE 1: "Memory" refers to the conduction angle, Ø which existed prior to the current off-state. First time after power-up,
the Memory value defaults to maximum conduction angle.
NOTE 2: First time after power-up, LONG touch causes intensity to vary starting at minimum conduction angle.
NOTE 3: NO = Dimming direction does not reverse from prior dimming direction.
YES = Dimming direction does reverse from prior dimming direction.
N/A = Does not apply
7231-34-033195-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com