Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV8513 Datasheet(PDF) 13 Page - Analog Devices

Part # ADMV8513
Description  520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8513 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADMV8513 Datasheet HTML 9Page - Analog Devices ADMV8513 Datasheet HTML 10Page - Analog Devices ADMV8513 Datasheet HTML 11Page - Analog Devices ADMV8513 Datasheet HTML 12Page - Analog Devices ADMV8513 Datasheet HTML 13Page - Analog Devices ADMV8513 Datasheet HTML 14Page - Analog Devices ADMV8513 Datasheet HTML 15Page - Analog Devices ADMV8513 Datasheet HTML 16Page - Analog Devices ADMV8513 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
ADMV8513
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 31
INTERPOLATION PLOTS
To garner a visual representation of the interpolation functions,
the interpolation coefficients vs. their input (from the interpolation
tables) can be plotted on a scatter plot. Figure 22, Figure 23, and
Figure 24 are the interpolation functions of y, v, and t using the
interpolation coefficients.
Figure 22. Interpolation Function of y = f(x)
Figure 23. Interpolation Function of v = f(y)
Figure 24. Interpolation Function of t = f(y)
INTERPOLATION COEFFICIENT CALIBRATION
Two primary reasons for the need to calibrate the interpolation
coefficients include accounting for chip process variation and when
a different operating bandwidth is required. The calibration of inter-
polation coefficients normally follows a four phase process (see
Figure 26).
In the first calibration phase, the bandwidth and match coefficients,
V1 and T1, are determined for a desired bandwidth. To perform
this calibration phase, the fCENTER load value must be set to 32,
and then the bandwidth and match load values are adjusted. When
satisfied with the results, the V1 and T1 coefficients can be set to
the bandwidth and match load values, respectively.
For the second calibration phase, the bandwidth and match coeffi-
cients, V2 and T2, are determined for a desired bandwidth. To
perform this calibration phase, the fCENTER load value must be set
to a high value (180 is recommended), and then the bandwidth and
match load values are adjusted. When satisfied with the results, the
V2 coefficient can be adjusted so that the computed result of v =
f(y) = f(180) is equal to the bandwidth load value. Similarly, the T2
coefficient can be adjusted so that the computed result of t = f(y) =
f(180) is equal to the match load value.
For the third calibration phase, the bandwidth and match coeffi-
cients, V0 and T0, are determined for a desired bandwidth. To
perform this calibration phase, the fCENTER load value must be set
to a low value (18 is recommended), and then the bandwidth and
match load values are adjusted. When satisfied with the results, the
V0 coefficient can be adjusted so that the computed result of v =
f(y) = f(18) is equal to the bandwidth load value. Similarly, the T0
coefficient can be adjusted so that the computed result of t = f(y) =
f(18) is equal to the match load value.
For the fourth calibration phase, adjustments are made to all of the
y coefficients to ensure the operating fCENTER is as close as possi-
ble to the anticipated fCENTER. To perform this calibration phase, use
Table 9 as a reference for determining the target frequency for each
y coefficient. For each x value listed in Table 9, compute the y, v,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com