Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4663 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4663
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4663 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4663 Datasheet HTML 16Page - Analog Devices LTM4663 Datasheet HTML 17Page - Analog Devices LTM4663 Datasheet HTML 18Page - Analog Devices LTM4663 Datasheet HTML 19Page - Analog Devices LTM4663 Datasheet HTML 20Page - Analog Devices LTM4663 Datasheet HTML 21Page - Analog Devices LTM4663 Datasheet HTML 22Page - Analog Devices LTM4663 Datasheet HTML 23Page - Analog Devices LTM4663 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LTM4710-1
24
Rev. 0
For more information www.analog.com
 ANALOG DEVICES, INC. 2023
07/23
www.analog.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTM4691
Low VIN, Ultrathin, Dual 2A μModule Regulator
2.25V ≤ VIN ≤ 3.6V, 0.5V ≤ VOUT ≤ 2.5V, 3mm × 4mm × 1.18mm LGA,
3mm × 4mm × 1.48mm BGA
LTM4693
Low VIN, Ultrathin, 2A Buck-Boost μModule Regulator 2.6V ≤ VIN ≤ 5.5V, 1.8V ≤ VOUT ≤ 5.5V, 3.5mm × 4mm × 1.25mm LGA
LTM4663
Ultrathin, 1.5A μModule TEC Controller
2.7V ≤ VIN ≤ 5.5V, 3.5mm × 4mm × 1.3mm LGA
LTM4658
Low VIN, 10A μModule Regulator
2.25V ≤ VIN ≤ 5.5V, 0.5V ≤ VOUT ≤ VIN, 4mm × 4mm × 4.32mm LGA
LTM4670
Low VIN, Quad 10A μModule Regulator
2.25V ≤ VIN ≤ 5.5V, 0.5V ≤ VOUT ≤ VIN, 7.5mm × 15mm × 4.65mm BGA
LTM4611
Ultralow VIN, 15A μModule Regulator
1.5V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 15mm × 15mm × 4.32mm LGA
LTM4643
Low VIN with External Bias Voltage, Quad 3A
μModule Regulator
2.375V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 3.3V, 9mm × 15mm × 1.82mm BGA,
9mm × 15mm × 2.42mm BGA
LTM4702
16VIN, 8A Ultralow Noise Silent Switcher
μModule Regulator
3V ≤ VIN ≤ 16V, 0.3V ≤ VOUT ≤ 5.7V, 6.25mm × 6.25mm × 5.07mm BGA
LTM8060
Quad 40VIN, Silent Switcher μModule Regulator
with Configurable 3A Output Array
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 11.9mm × 16mm × 3.32mm BGA
LTM8051
Quad 40VIN Silent Switcher μModule Regulator
with Configurable 1.2A Output Array
3V ≤ VIN ≤ 40V, 0.8V ≤ VOUT ≤ 8V, 6.25mm × 11.25mm × 2.22mm BGA
PACKAGE PHOTOS Part marking is either ink mark or laser mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com