Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8107 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8107
Description  260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8107 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8107 Datasheet HTML 9Page - Analog Devices AD8107 Datasheet HTML 10Page - Analog Devices AD8107 Datasheet HTML 11Page - Analog Devices AD8107 Datasheet HTML 12Page - Analog Devices AD8107 Datasheet HTML 13Page - Analog Devices AD8107 Datasheet HTML 14Page - Analog Devices AD8107 Datasheet HTML 15Page - Analog Devices AD8107 Datasheet HTML 16Page - Analog Devices AD8107 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 13 of 28
UPDATE INPUT
TYPICAL VIDEO OUT (RTO)
5
4
3
2
1
0
10
–10
0
SWITCHING BETWEEN
TWO INPUTS
50ns/DIV
FREQUENCY (Hz)
10k
100k
1M
10M
–30
–40
–50
–60
–70
–80
RL = 150Ω
Figure 28. AD8107 PSRR vs. Frequency
Figure 31. AD8107 Switching Transient (Glitch)
100.00
56.30
10
1k
10M
100k
31.60
17.80
10.00
5.63
3.16
100
10k
1M
FREQUENCY (Hz)
100k
1M
500M
10M
100M
–50
–40
–60
–70
–80
–90
–100
–110
–120
–130
FREQUENCY (Hz)
`VOUT = 2V p-p
RL = 150Ω
Figure 32. AD8107 Off Isolation, Input/Output
Figure 29. AD8107 Voltage Noise vs. Frequency
1k
100
10
1
0.1
100k
1M
500M
10M
100M
FREQUENCY (Hz)
100k
0.1
1
500
10
10k
1k
100
10
100
FREQUENCY (MHz)
Figure 33. AD8107 Output Impedance, Enabled
Figure 30. AD8107 Output Impedance, Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com